Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDF06N60Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # NDF06N60Z
Description  NDP06N60Z
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF06N60Z Datasheet(HTML) 3 Page - ON Semiconductor

  NDF06N60Z Datasheet HTML 1Page - ON Semiconductor NDF06N60Z Datasheet HTML 2Page - ON Semiconductor NDF06N60Z Datasheet HTML 3Page - ON Semiconductor NDF06N60Z Datasheet HTML 4Page - ON Semiconductor NDF06N60Z Datasheet HTML 5Page - ON Semiconductor NDF06N60Z Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NDF06N60Z, NDP06N60Z
http://onsemi.com
3
TYPICAL CHARACTERISTICS
15 V
10 V
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
25
15
10
5
0
0
4
8
12
6
8
7
5
4
3
0
4
8
12
Figure 3. On−Resistance vs. VGS
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS (V)
ID, DRAIN CURRENT (A)
9
8
710
6
5
0
0.5
1
10
6
212
8
4
0
0.5
1
1.25
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.6
1.0
1.4
2.2
600
400
300
200
100
0
10
100
1000
10,000
2
7 V
6.8 V
6.6 V
6.4 V
6.2 V
6.0 V
5.8 V
5.6 V
TJ = 25°C
VDS ≥ 30 V
TJ = 25°C
TJ = 150°C
TJ = −55°C
0.75
ID = 3 A
TJ = 25°C
TJ = 25°C
VGS = 10 V
50
ID = 3 A
VGS = 10 V
VGS = 0 V
TJ = 150°C
TJ = 100°C
6
2
1.5
1.8
2.6
1.5
1.75
0.2
10
6
10
2
20
500


Similar Part No. - NDF06N60Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF06N60Z ONSEMI-NDF06N60Z Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
NDF06N60Z ONSEMI-NDF06N60Z Datasheet
124Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
logo
Inchange Semiconductor ...
NDF06N60Z ISC-NDF06N60Z Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDF06N60ZG ONSEMI-NDF06N60ZG Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
NDF06N60ZG ONSEMI-NDF06N60ZG Datasheet
124Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com