Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDP10N60ZG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDP10N60ZG
Description  N-Channel Power MOSFET 0.65 ?? 600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDP10N60ZG Datasheet(HTML) 1 Page - ON Semiconductor

  NDP10N60ZG Datasheet HTML 1Page - ON Semiconductor NDP10N60ZG Datasheet HTML 2Page - ON Semiconductor NDP10N60ZG Datasheet HTML 3Page - ON Semiconductor NDP10N60ZG Datasheet HTML 4Page - ON Semiconductor NDP10N60ZG Datasheet HTML 5Page - ON Semiconductor NDP10N60ZG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. 1
1
Publication Order Number:
NDF10N60Z/D
NDF10N60Z, NDP10N60Z
N-Channel Power MOSFET
0.65 W, 600 Volts
Features
Low ON Resistance
Low Gate Charge
Zener Diode−protected Gate
100% Avalanche Tested
ROHS Compliant
This is a Pb−Free Device
Applications
Adapter (Notebook, Printer, Gaming)
LCD Panel Power
ATX Power Supplies
Lighting Ballasts
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol NDF10N60Z NDP10N60Z Unit
Drain−to−Source Voltage
VDSS
600 (Note 1)
V
Continuous Drain Current
ID
10 (Note 2)
A
Continuous Drain Current
TA = 100°C
ID
5.7 (Note 2)
A
Pulsed Drain Current,
VGS @ 10 V
IDM
36 (Note 2)
A
Power Dissipation (Note 1)
PD
36
125
W
Gate−to−Source Voltage
VGS
±30
V
Single Pulse Avalanche
Energy, L = 6.0 mH,
ID = 10 A
EAS
300
mJ
ESD (HBM)
(JESD 22−114−B)
Vesd
3900
V
RMS Isolation Voltage
(t = 0.3 sec., R.H. ≤ 30%,
TA = 25°C) (Figure 13)
VISO
4500
V
Peak Diode Recovery
dv/dt
4.5 (Note 3)
V/ns
Continuous Source
Current (Body Diode)
IS
10
A
Maximum Temperature for
Soldering Leads, 0.063″
(1.6 mm) from Case for
10 s Package Body for 10 s
TL
TPKG
300
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1″ sq. pad size, 1 oz cu
2. Limited by maximum junction temperature
3. IS ≤ 10 A, di/dt ≤ 200 A/ms, VDD = 80% BVDSS
Device
Package
Shipping
ORDERING INFORMATION
NDP10N60ZG
TO−220AB
In Development
N−Channel
MARKING
DIAGRAM
A
= Location Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
http://onsemi.com
VDSS
RDS(ON) (TYP) @ 5 A
600 V
0.65 Ω
NDF10N60ZG
or
NDP10N60ZG
AYWW
Gate
Source
Drain
TO−220FP
CASE 221D
STYLE 1
NDF10N60ZG
TO−220FP
50 Units/Rail
TO−220AB
CASE 221A
STYLE 5
G (1)
D (2)
S (3)


Similar Part No. - NDP10N60ZG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDP10N60Z ISC-NDP10N60Z Datasheet
371Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDP10N60ZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF04N60Z ONSEMI-NDF04N60Z Datasheet
156Kb / 8P
   N-Channel Power MOSFET 1.8 , 600 Volts
June, 2009 ??Rev. 0
NDF10N62Z ONSEMI-NDF10N62Z Datasheet
143Kb / 6P
   N-Channel Power MOSFET 620 V, 0.65 ?
April, 2010 ??Rev. 0
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
152Kb / 8P
   4 Amps, 600 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
7N60 UTC-7N60_10 Datasheet
189Kb / 6P
   7.4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
10N60 UTC-10N60_10 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
SFFC50M SSDI-SFFC50M Datasheet
221Kb / 2P
   11 AMP 600 VOLTS 0.6ohm N-Channel Power MOSFET
logo
Unisonic Technologies
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
   2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60_09 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com