Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4905NT4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTD4905NT4G
Description  Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4905NT4G Datasheet(HTML) 8 Page - ON Semiconductor

  NTD4905NT4G Datasheet HTML 1Page - ON Semiconductor NTD4905NT4G Datasheet HTML 2Page - ON Semiconductor NTD4905NT4G Datasheet HTML 3Page - ON Semiconductor NTD4905NT4G Datasheet HTML 4Page - ON Semiconductor NTD4905NT4G Datasheet HTML 5Page - ON Semiconductor NTD4905NT4G Datasheet HTML 6Page - ON Semiconductor NTD4905NT4G Datasheet HTML 7Page - ON Semiconductor NTD4905NT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NTD4905N
http://onsemi.com
8
PACKAGE DIMENSIONS
IPAK (STRAIGHT LEAD DPAK)
CASE 369D−01
ISSUE B
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
123
4
V
S
A
K
−T−
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
−−−
3.93
−−−
3.5 MM IPAK, STRAIGHT LEAD
CASE 369AD−01
ISSUE O
b
D
L
E
E3
L2
b1
e
3X
A1
A
A1
A2
DIM
MIN
MAX
MILLIMETERS
A
2.19
2.38
A1
0.46
0.60
A2
0.87
1.10
b
0.69
0.89
b1
0.77
1.10
D
5.97
6.22
e
2.28 BSC
D2
4.80
−−−
E
6.35
6.73
E2
4.70
−−−
E3
4.45
5.46
L
3.40
3.60
L1
−−−
2.10
NOTES:
1.. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2.. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30mm FROM TERMINAL TIP.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD GATE OR MOLD FLASH.
T
SEATING
D2
E2
OPTIONAL
CONSTRUCTION
PLANE
L1
L2
0.89
1.27
2X
M
0.13
T
D2
E2
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NTD4905N/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTD4905NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4904N ONSEMI-NTD4904N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 79 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4904N ONSEMI-NTD4904N Datasheet
91Kb / 8P
   Power MOSFET
June, 2014 ??Rev. 2
NTD4904N-1G ONSEMI-NTD4904N-1G Datasheet
148Kb / 8P
   Power MOSFET 30 V, 79 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4904N-1G ONSEMI-NTD4904N-1G Datasheet
91Kb / 8P
   Power MOSFET
June, 2014 ??Rev. 2
logo
VBsemi Electronics Co.,...
NTD4904N-1G VBSEMI-NTD4904N-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4905NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4813NH ONSEMI-NTD4813NH Datasheet
90Kb / 8P
   Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4970N ONSEMI-NTD4970N Datasheet
123Kb / 7P
   Power MOSFET 30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com