Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15220MTL Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK15220MTL
Description  Audio Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15220MTL Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK15220MTL Datasheet HTML 3Page - TOKO, Inc TK15220MTL Datasheet HTML 4Page - TOKO, Inc TK15220MTL Datasheet HTML 5Page - TOKO, Inc TK15220MTL Datasheet HTML 6Page - TOKO, Inc TK15220MTL Datasheet HTML 7Page - TOKO, Inc TK15220MTL Datasheet HTML 8Page - TOKO, Inc TK15220MTL Datasheet HTML 9Page - TOKO, Inc TK15220MTL Datasheet HTML 10Page - TOKO, Inc TK15220MTL Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
June 1999 TOKO, Inc.
Page 7
TK15220
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
V
CC = 8 V, TA = 25 °C, unless otherwise specified.
VOLTAGE GAIN VS.
TEMPERATURE
TA (°C)
-40
-20
0
20
40
60
80
+0.1
0
-0.1
RESIDUAL NOISE VS.
TEMPERATURE
TA (°C)
-40
-20
0
20
40
60
80
6
4
2
0
8


Similar Part No. - TK15220MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210M TOKO-TK15210M Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210MTL TOKO-TK15210MTL Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210MTL/S1 TOKO-TK15210MTL/S1 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
   Audio Analog Switch
More results

Similar Description - TK15220MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
   Audio Analog Switch
TK15327 TOKO-TK15327 Datasheet
216Kb / 12P
   Audio Analog Switch
TK15329 TOKO-TK15329 Datasheet
209Kb / 16P
   Audio Analog Switch
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
TK15325 TOKO-TK15325 Datasheet
207Kb / 12P
   Audio Analog Switch
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15323 TOKO-TK15323 Datasheet
201Kb / 12P
   Audio Analog Switch
TK15326 TOKO-TK15326 Datasheet
210Kb / 12P
   Audio Analog Switch
TK15324 TOKO-TK15324 Datasheet
201Kb / 12P
   Audio Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com