Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT8900B260TBIT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT8900B260TBIT3
Description  Precision Analog Voltage References
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT8900B260TBIT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT8900B260TBIT3 Datasheet HTML 1Page - ON Semiconductor CAT8900B260TBIT3 Datasheet HTML 2Page - ON Semiconductor CAT8900B260TBIT3 Datasheet HTML 3Page - ON Semiconductor CAT8900B260TBIT3 Datasheet HTML 4Page - ON Semiconductor CAT8900B260TBIT3 Datasheet HTML 5Page - ON Semiconductor CAT8900B260TBIT3 Datasheet HTML 6Page - ON Semiconductor CAT8900B260TBIT3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CAT8900
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS (Note 2)
Rating
Value
Unit
VIN
6.5
V
Storage Temperature Range
−55 to +125
_C
Junction Temperature Range
+150
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package.
Table 3. RECOMMENDED OPERATING CONDITIONS
Rating
Value
Unit
Temperature Range
−40 to +85
_C
Table 4. ELECTRICAL CHARACTERISTICS
VIN = 3.0 V, IOUT = 0 mA, COUT = 0.001 mF, −40_C to +85_C unless specified otherwise.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
VOUT
1.024
1.200
1.250
1.800
2.048
2.500
2.600
3.000
3.300
V
Initial Accuracy
TA = 25°C
Grade A
−0.5
+0.5
mV
Grade B
−1.0
+1.0
mV
Grade C
−2.5
+2.5
mV
Grade D
−5.0
+5.0
mV
Output Voltage Noise (Note 3)
f = 0.1 Hz to 10 Hz
50
mVp−p
Output Voltage Temperature Drift
−40°C to 85°C
DVOUT ÷ DT
12
20
ppm/°C
Thermal Hysteresis (Note 3)
ΔTA = 125°C
DVOUT ÷ DTA
100
ppm
Line Regulation
2.7 V < VIN < 5.5 V
DVOUT ÷ DVIN
30
100
mV/V
Load Regulation Sourcing
0 mA < ILOAD < 10 mA; VIN = 3 V
DVOUT ÷ DILOAD
100
250
mV/mA
Sinking
−10 mA < ILOAD < 0 mA;
VIN = 3 V
150
350
mV/mA
Long Term Stability (Note 3)
TA = 25°C; first 1000 hours
DVOUT ÷ Dt
50
ppm
Output Current
ILOAD
−10
+10
mA
Short Circuit Current (Note 3)
Sourcing
Sinking
TA = 25°C
VOUT pin shorted to GND
VOUT pin shorted to VIN
ISC
40
20
60
40
mA
Turn−on Settling Time
0.1% @ VIN = 3 V; CL = 0 pF
2
ms
POWER SUPPLY
Input Voltage
IL = 0 mA
VIN
2.7
5.5
V
Supply current
IIN
450
800
nA
3. Guaranteed by design.


Similar Part No. - CAT8900B260TBIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8900B260TBGT3 ONSEMI-CAT8900B260TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
More results

Similar Description - CAT8900B260TBIT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
ADL Embedded Solutions
ALD500RAU ADL-ALD500RAU Datasheet
75Kb / 12P
   PRECISION INTEGRATING ANALOG PROCESSOR WITH PRECISION VOLTAGE REFERENCEs
1999
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com