Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLUF4189NZTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLUF4189NZTAG
Description  Power MOSFET and Schottky Diode 30 V, N?묬hannel with 0.5 A Schottky Barrier Diode, 1.6 x 1.6 x 0.55 mm Cool Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUF4189NZTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NTLUF4189NZTAG Datasheet HTML 1Page - ON Semiconductor NTLUF4189NZTAG Datasheet HTML 2Page - ON Semiconductor NTLUF4189NZTAG Datasheet HTML 3Page - ON Semiconductor NTLUF4189NZTAG Datasheet HTML 4Page - ON Semiconductor NTLUF4189NZTAG Datasheet HTML 5Page - ON Semiconductor NTLUF4189NZTAG Datasheet HTML 6Page - ON Semiconductor NTLUF4189NZTAG Datasheet HTML 7Page - ON Semiconductor NTLUF4189NZTAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 1
1
Publication Order Number:
NTLUF4189NZ/D
NTLUF4189NZ
Power MOSFET and
Schottky Diode
30 V, N−Channel with 0.5 A Schottky
Barrier Diode, 1.6 x 1.6 x 0.55 mm
mCoolt Package
Features
Low Qg and Capacitance to Minimize Switching Losses
Low Profile UDFN 1.6x1.6 mm for Board Space Saving
Low VF Schottky Diode
ESD Protected Gate
This is a Halide−Free Device
This is a Pb−Free Device
Applications
DC-DC Boost Converter
Color Display and Camera Flash Regulators
Optimized for Power Management Applications for Portable
Products, such as Cell Phones, PMP, DSC, GPS, and others
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Units
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGS
±8.0
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
1.5
A
TA = 85°C
1.1
t ≤ 5 s
TA = 25°C
1.9
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
0.8
W
t ≤ 5 s
TA = 25°C
1.3
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
1.2
A
TA = 85°C
0.9
Power Dissipation (Note 2)
TA = 25°C
PD
0.5
W
Pulsed Drain Current
tp = 10 ms
IDM
8.0
A
MOSFET Operating Junction and Storage
Temperature
TJ,
TSTG
-55 to
150
°C
Schottky Operating Junction & Storage
Temperature
TJ,
TSTG
-55 to
125
°C
Source Current (Body Diode) (Note 2)
IS
1.5
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Gate-to-Source ESD Rating
(HBM) per JESD22−A114F
ESD
1000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface-mounted on FR4 board using the minimum recommended pad size
of 30 mm2, 2 oz. Cu.
http://onsemi.com
G
S
N−Channel MOSFET
D
K
A
Schottky Diode
30 V
30 V
250 mW @ 3.0 V
200 mW @ 4.5 V
0.5 A
RDS(on) MAX
0.5 A
0.52 V
ID MAX
V(BR)DSS
MOSFET
SCHOTTKY DIODE
VR MAX
IF MAX
VF TYP
UDFN6
CASE 517AT
mCOOLt
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
6
AA = Specific Device Code
M = Date Code
G = Pb−Free Package
AA MG
G
1
350 mW @ 2.5 V
MARKING
DIAGRAM
1
2
3
6
5
4
A
N/C
D
K
G
S
(Top View)
K
D
1.5 A
0.5 A


Similar Part No. - NTLUF4189NZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUD3191PZ ONSEMI-NTLUD3191PZ Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3191PZTAG ONSEMI-NTLUD3191PZTAG Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3191PZTBG ONSEMI-NTLUD3191PZTBG Datasheet
147Kb / 6P
   Power MOSFET ??0 V, ??.8 A, Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
April, 2009 ??Rev. 1
NTLUD3A260PZ ONSEMI-NTLUD3A260PZ Datasheet
112Kb / 6P
   Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
NTLUD3A260PZTAG ONSEMI-NTLUD3A260PZTAG Datasheet
112Kb / 6P
   Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com