Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLUS3192PZTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLUS3192PZTAG
Description  Power MOSFET ??0 V, ??.2 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLUS3192PZTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NTLUS3192PZTAG Datasheet HTML 1Page - ON Semiconductor NTLUS3192PZTAG Datasheet HTML 2Page - ON Semiconductor NTLUS3192PZTAG Datasheet HTML 3Page - ON Semiconductor NTLUS3192PZTAG Datasheet HTML 4Page - ON Semiconductor NTLUS3192PZTAG Datasheet HTML 5Page - ON Semiconductor NTLUS3192PZTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. P3
1
Publication Order Number:
NTLUS3192PZ/D
NTLUS3192PZ
Advance Information
Power MOSFET
−20 V, −4.2 A, mCoolt Single P−Channel,
ESD, 1.6x1.6x0.55 mm UDFN Package
Features
UDFN Package with Exposed Drain Pads for Excellent Thermal
Conduction
Low Profile UDFN 1.6 x 1.6 x 0.55 mm for Board Space Saving
Lowest RDS(on) in 1.6x1.6 Package
ESD Protected
This is a Halide Free Device
This is a Pb−Free Device
Applications
High Side Load Switch
PA Switch and Battery Switch
Optimized for Power Management Applications for Portable
Products, such as Cell Phones, PMP, DSC, GPS, and others
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Units
Drain-to-Source Voltage
VDSS
−20
V
Gate-to-Source Voltage
VGS
±8.0
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−3.4
A
TA = 85°C
−2.4
t ≤ 5 s
TA = 25°C
−4.2
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.5
W
t ≤ 5 s
TA = 25°C
2.3
Continuous Drain
Current (Note 2)
Steady
State
TA = 25°C
ID
−2.2
A
TA = 85°C
−1.6
Power Dissipation (Note 2)
TA = 25°C
PD
0.6
W
Pulsed Drain Current
tp = 10 ms
IDM
−17
A
Operating Junction and Storage
Temperature
TJ,
TSTG
-55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
−1.0
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Gate-to-Source ESD Rating
(HBM) per JESD22−A114F
ESD
1000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface-mounted on FR4 board using the minimum recommended pad size
of 30 mm2, 2 oz. Cu.
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
http://onsemi.com
G
S
P−Channel MOSFET
D
−20 V
115 mW @ −2.5 V
85 mW @ −4.5 V
RDS(on) MAX
−3.0 A
ID MAX
V(BR)DSS
MOSFET
UDFN6
CASE 517AU
mCOOLt
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
AA = Specific Device Code
M = Date Code
G = Pb−Free Package
AA MG
G
1
160 mW @ −1.8 V
MARKING
DIAGRAM
250 mW @ −1.5 V
(Top View)
(Note: Microdot may be in either location)
1
6
−1.5 A
−0.5 A
−0.2 A


Similar Part No. - NTLUS3192PZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3A18PZ ONSEMI-NTLUS3A18PZ Datasheet
153Kb / 6P
   ??0 V, ??.2 A, Single P?묬hannel, 2.0x2.0x0.55 mm Cool UDFN Package
July, 2012 ??Rev. 3
NTLUS3A18PZ ONSEMI-NTLUS3A18PZ Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTLUS3A18PZ ONSEMI-NTLUS3A18PZ Datasheet
180Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 4
NTLUS3A18PZTAG ONSEMI-NTLUS3A18PZTAG Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTLUS3A18PZTAG ONSEMI-NTLUS3A18PZTAG Datasheet
180Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com