Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS-158UR Datasheet(PDF) 5 Page - OSA Opto Light GmbH

Part # OLS-158UR
Description  Series 158 - 1206 Bipolar low current red 650 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

OLS-158UR Datasheet(HTML) 5 Page - OSA Opto Light GmbH

  OLS-158UR Datasheet HTML 1Page - OSA Opto Light GmbH OLS-158UR Datasheet HTML 2Page - OSA Opto Light GmbH OLS-158UR Datasheet HTML 3Page - OSA Opto Light GmbH OLS-158UR Datasheet HTML 4Page - OSA Opto Light GmbH OLS-158UR Datasheet HTML 5Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
edition 10/05
© 2005
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
Packing:
The reel is sealed in special plastic bag with integrate ESD protection
( MIL - STD 81705 ) including a silica dry-pack
Label
Order No.
XXXXXXXXX
Customer order No.
Type
OLS-158 ?????-??-T
Intensity group
ZZ
Color class
: CC
Color class - optional
Charge No.
1122-AAAAAA
11 Week – 22 year – A internal identification
Quantity
9999
Attention please:
The information describes the type of component and shall not considered as assured characteristics. Terms of
delivery and rights to change reserved.
Due to technical requirements components may contain dangerous substances.
The data sheet may changed without prior information; the valid issue will be on our webpage in internet.
Packaging:
Please use the recycling operators known to you.
Components used in life support devices or systems and safety systems must be expressly authorized for such
purpose!
D
Parts/reel
180 mm
330 mm
3000
12000
Tape And Reel Packing


Similar Part No. - OLS-158UR

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-158D/D-C-T OSA-OLS-158D/D-C-T Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
OLS-158D/D-C-TD OSA-OLS-158D/D-C-TD Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
OLS-158D/D-CD-T OSA-OLS-158D/D-CD-T Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
OLS-158D/D-CD-TD OSA-OLS-158D/D-CD-TD Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
OLS-158D/D-X-T OSA-OLS-158D/D-X-T Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
More results

Similar Description - OLS-158UR

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-156UR OSA-OLS-156UR Datasheet
121Kb / 5P
   Series 156 - 1206 low current red 650 nm
OLS-152UR OSA-OLS-152UR Datasheet
125Kb / 5P
   Series 152 - 1206 - Bipolar monocolor red 650 nm
OLS-158R OSA-OLS-158R Datasheet
125Kb / 5P
   Series 158 - 1206 Bipolar low current low cost
OLS-158HY OSA-OLS-158HY Datasheet
131Kb / 5P
   Series 158 - 1206 Bipolar low current High luminous intensity
OLS-150UR OSA-OLS-150UR Datasheet
122Kb / 5P
   Series 150 - 1206 Standard red 650 nm
OLS-176UR OSA-OLS-176UR Datasheet
120Kb / 5P
   Series 176 - 0805 low current red 650 nm
OLS-250UR OSA-OLS-250UR Datasheet
122Kb / 5P
   Series 250 - 1206 lower height red 650 nm
OLS-330UR OSA-OLS-330UR Datasheet
129Kb / 5P
   Series 330 - 1206 with Lens red 650 nm
OLS-216UR OSA-OLS-216UR Datasheet
125Kb / 5P
   Series 216 - side view - low current red 650 nm
OLS-172UR OSA-OLS-172UR Datasheet
121Kb / 5P
   Series 172 - 0805 - Bipolar monocolor red 650 nm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com