Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9151MUV Datasheet(PDF) 9 Page - Rohm

Part # BD9151MUV
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9151MUV Datasheet(HTML) 9 Page - Rohm

Back Button BD9151MUV Datasheet HTML 5Page - Rohm BD9151MUV Datasheet HTML 6Page - Rohm BD9151MUV Datasheet HTML 7Page - Rohm BD9151MUV Datasheet HTML 8Page - Rohm BD9151MUV Datasheet HTML 9Page - Rohm BD9151MUV Datasheet HTML 10Page - Rohm BD9151MUV Datasheet HTML 11Page - Rohm BD9151MUV Datasheet HTML 12Page - Rohm BD9151MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical Note
BD9151MUV
9/16
www.rohm.com
2009.08 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Consideration on permissible dissipation and heat generation
As BU9151MUV functions with high efficiency without significant heat generation in most applications, no special consideration
is needed on permissible dissipation or heat generation. In case of extreme conditions, however, including lower input voltage,
higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat generation must be
carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered. Because
the conduction losses are considered to play the leading role among other dissipation mentioned above including gate
charge/discharge dissipation and switching dissipation.
If VCC=3.3V, VOUT1=1.8V, VOUT2=1.2V, RONH1=0.27Ω, RONL1=0.18Ω, RONH2=0.27Ω, RONL2=0.18Ω
IOUT1=0.4A, IOUT2=0.8A, for example,
D1=VOUT1/VCC=1.8/3.3=0.55
D2=VOUT2/VCC=1.2/3.3=0.36
RON1=0.55×0.27+(1-0.55)×0.18
=0.1485+0.081
=0.2295[Ω]
RON2=0.36×0.27+(1-0.36)×0.18
=0.0972+0.1152
=0.2124[Ω]
P=0.4
2×0.2295+0.82×0.2124=0.173[W]
As RONH is greater than RONL in BU9151MUV, the dissipation increases as the ON duty becomes greater.
With the consideration on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
Fig.32 Heat radiation characteristics (VQFN020V4040)
P=IOUT
2×RON
RON=D×RONH+(1-D)RONL
D:ON Duty(=VOUT/VCC)
RONH:ON resistance of High side MOS FET
RONL:ON resistance of Low side MOS FET
IOUT:Output current
0
25
50
75
100
125
150
0
2.0
3.0
4.0
2.21W
3.56W
1.0
0.70W
0.34W
4 層基板(表層放熱銅箔 5505mm
2)
(各層に銅箔積層)
θ
j-a=35.1℃/W
4 層基板(表層放熱銅箔 10.29mm
2)
(2,3 層に銅箔積層 5505mm
2)
θ
j-a=103.3℃/W
1 層基板(表層放熱銅箔 10.29mm
2)
θ
j-a=178.6℃/W
IC 単体時
θ
j-a=367.6℃/W
105
Ambient Temperature :Ta [℃]
4 layers (copper foil area : 5505mm
2)
(copper foil in each layers)
θ
j-a=35.1℃/W
4 layers (copper foil area : 10.29mm
2)
(copper foil in 2-3 layers: 5505mm
2)
θ
j-a=103.3℃/W
1 layer (copper foil area : 10.29mm
2)
θ
j-a=178.6℃/W
IC only
θ
j-a=367.6℃/W


Similar Part No. - BD9151MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD91501MUV-E2 ROHM-BD91501MUV-E2 Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
427Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9151MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com