Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9540EFV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD9540EFV-E2
Description  2ch Switching Regulators for Desktop PC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9540EFV-E2 Datasheet(HTML) 4 Page - Rohm

  BD9540EFV-E2 Datasheet HTML 1Page - Rohm BD9540EFV-E2 Datasheet HTML 2Page - Rohm BD9540EFV-E2 Datasheet HTML 3Page - Rohm BD9540EFV-E2 Datasheet HTML 4Page - Rohm BD9540EFV-E2 Datasheet HTML 5Page - Rohm BD9540EFV-E2 Datasheet HTML 6Page - Rohm BD9540EFV-E2 Datasheet HTML 7Page - Rohm BD9540EFV-E2 Datasheet HTML 8Page - Rohm BD9540EFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BD9540EFV
Technical Note
4/17
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Pin Function
PIN No.
PIN name
PIN Function
1
BOOT1
HG Driver Power Supply Pin 1
2
NC
Non connection Pin
3
EN1
Enable Input Pin 1 (0~0.3V:OFF, 2.2~20V:ON)
4
VOUT1
Output Voltage Sence Pin 1
5
FB1
Output Voltage Feedback Pin 1
6
NC
Non connection Pin
7
GND
Sense GND
8
CTL1
1ch Reference Voltage Setting Control Pin 1:See P12/17
9
CTL2
1ch Reference Voltage Setting Control Pin 2:See P12/17
10
FB2
Output Voltage Feedback Pin 2
11
VOUT2
Output Voltage Sense Pin 2
12
EN2
Enable Input Pin 2 (0~0.3V:OFF, 2.2~20V:ON)
13
NC
Non connection Pin
14
BOOT2
HG Driver Power Supply Pin 2
15
HG2
High side FET Gate Driver Pin 2
16
SW2
High side FET Source Pin 2
17
LG2
Low side FET Gate Driver Pin 2
18
PGND2
Power GND for 2ch
19
ILIM2
2ch OCP Setting Pin
20
TEST
Connect to GND Pin
21
VCC
Power Supply Input Pin
22
5VReg
Reference Voltage Inside IC (5V Voltage Output)
23
VIN
Battery Voltage Sense Pin
24
ILIM1
1ch OCP Setting Pin
25
PGND1
Power GND for 1ch
26
LG1
Low side FET Gate Driver Pin 1
27
SW1
High side FET Source Pin 1
28
HG1
High side FET Gate Driver Pin 1
reverse
FIN
Exposed Pad, Connect to GND


Similar Part No. - BD9540EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
More results

Similar Description - BD9540EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD95242MUV ROHM-BD95242MUV Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com