Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9575FV-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD9575FV-E2
Description  Switching Regulators for DDR-SDRAM Cores
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9575FV-E2 Datasheet(HTML) 5 Page - Rohm

  BD9575FV-E2 Datasheet HTML 1Page - Rohm BD9575FV-E2 Datasheet HTML 2Page - Rohm BD9575FV-E2 Datasheet HTML 3Page - Rohm BD9575FV-E2 Datasheet HTML 4Page - Rohm BD9575FV-E2 Datasheet HTML 5Page - Rohm BD9575FV-E2 Datasheet HTML 6Page - Rohm BD9575FV-E2 Datasheet HTML 7Page - Rohm BD9575FV-E2 Datasheet HTML 8Page - Rohm BD9575FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
BD9575FV
Technical Note
5/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data – Continued
46
48
50
52
54
-10
1030
507090
Te [℃]
Fig.14 Ta vs Frequency
Fig.15 VIN vs Frequency
Fig.16 Io vs Efficiency
(VIN=7V)
Fig.17 Io vs Efficiency
(VIN=12V)
Fig.18 Io vs Efficiency
(VIN=20V)
Fig.19 Load Transient
Response (VIN=7V)
Fig.20 Load Transient Response
(VIN=12V)
Fig.21 Load Transient
Response (VIN=19V)
250
270
290
310
330
350
-10
10
30
50
70
90
Ta(℃)
200
240
280
320
360
400
0
5
10
15
20
25
VIN(V)
0
20
40
60
80
100
1
10
100
1000
10000
Io(mA)
0
20
40
60
80
100
1
10
100
1000
10000
Io(mA)
0
20
40
60
80
100
1
10
100
1000
10000
Io(mA)
Io=2A
Io=0A
SLLM
Continuous
mode
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
Fig.13 Ta vs current limit
threshould
ILIM=0.5V
Fig.22 Load Transient
Response (VIN=7V)
Fig.23 Load Transient Response
(VIN=12V)
Fig.24 Load Transient
Response (VIN=19V)
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
VOUT
HG/LG
IOUT
SLLM
SLLM
Continuous
mode
Continuous
mode


Similar Part No. - BD9575FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95700MUV ROHM-BD95700MUV Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD95700MUV-E2 ROHM-BD95700MUV-E2 Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD95710MUV ROHM-BD95710MUV Datasheet
536Kb / 21P
   2Phase Switching Regulator Controllers for Graphic Card
BD95710MUV-E2 ROHM-BD95710MUV-E2 Datasheet
536Kb / 21P
   2Phase Switching Regulator Controllers for Graphic Card
More results

Similar Description - BD9575FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9532EKN ROHM-BD9532EKN_08 Datasheet
680Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9535MUV ROHM-BD9535MUV_08 Datasheet
786Kb / 19P
   Switching Regulators for DDR-SDRAM Cores
BD9533EKN ROHM-BD9533EKN_08 Datasheet
726Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV Datasheet
654Kb / 16P
   FET Integrated Switching Regulators for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com