Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9874CP-V5 Datasheet(PDF) 7 Page - Rohm

Part # BD9874CP-V5
Description  Simple Step-down Switching Regulators with Built-in Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9874CP-V5 Datasheet(HTML) 7 Page - Rohm

Back Button BD9874CP-V5 Datasheet HTML 3Page - Rohm BD9874CP-V5 Datasheet HTML 4Page - Rohm BD9874CP-V5 Datasheet HTML 5Page - Rohm BD9874CP-V5 Datasheet HTML 6Page - Rohm BD9874CP-V5 Datasheet HTML 7Page - Rohm BD9874CP-V5 Datasheet HTML 8Page - Rohm BD9874CP-V5 Datasheet HTML 9Page - Rohm BD9874CP-V5 Datasheet HTML 10Page - Rohm BD9874CP-V5 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BD9873CP-V5,BD9874CP-V5
Technical Note
7/12
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Application component selection and settings
Inductor L1
A large inductor series impedance will result in deterioration of efficiency. OCP operation greater than 1.6A may cause
inductor overheating, possibly leading to overload or output short.
Note that the current rating for the coil should be higher than IOUT(MAX)+⊿IL.
Iout(MAX): maximum load current
If you flow more than maximum current rating, coil will become overload, and cause magnetic saturation, and those account
for efficiency deterioration. Select from enough current rating of coil which doesn’t over peak current.
L1:inductor value, VCC:maximum input voltage, VOUT:output voltage, ⊿IL:coil ripple current value, fosc:oscillation frequency
Schottky Diode D1
Select a Schottky diode having an inter-terminal capacity as small as possible (reverse recovery time as short as possible)
and a forward voltage VF as low as possible. (Noise can be reduced and efficiency improved by reduction of switching
noise and switching loss, as well as reduction of voltage drop loss of forward voltage.)
Diode should be selected on the basis of maximum current rating in forward direction, voltage rating in reverse direction,
and power dissipation of diode.
The maximum current rating is higher than the combined maximum load current and coil ripple current (⊿IL).
The reverse voltage rating is higher than the VIN value.
Power dissipation for the selected diode must be within the rated level.
The power dissipation of the diode is expressed by the following formula:
Pdi=Iout(MAX)×Vf×(1-VOUT/VCC)
Iout(MAX): maximum load current, Vf: forward voltage, VOUT: output voltage, VCC: input voltage
Output Capacitor C4
A suitable output capacitor should satisfy the following formula for ESR:
Another factor that must be considered is the permissible ripple current. Select a capacitor with sufficient margin, governed
by the following formula:
IRMS =⊿IL/2√3
IRMS: effective value of ripple current to the output capacitor, ⊿IL : coil ripple current
The output capacitor is one of the important parts for system stability, and when some capacitor is selected, expected
characteristics cannot be provided, depending on ambient temperature, output voltage setting condition, etc.
Fully confirm ESR, temperature characteristics, DC, and bias characteristics before evaluation.
Intput Capacitor C1,C2
The input capacitor is the source of current flow to the coil via the built-in Pch FET when the FET is ON. When selecting
the input capacitor sufficient margin must be provided to accommodate capacitor voltage and permissible ripple current.
The expression below defines the effective value of the ripple current to the input capacitor. It should be used in
determining the suitability of the capacitor in providing sufficient margin for the permissible ripple current.
IRMS : effective value of the ripple current to the input capacitor
IOUT : output load current, VOUT: output voltage, VCC: input voltage
IL. =
L1
(VCC-VOUT)
VOUT
VCC
fosc
1
×
×
ESR≦⊿VL/⊿IL
VL : permissible ripple voltage, ⊿IL : coil ripple current
IRMS=IOUT×√(1-VOUT / VCC)×VOUT / VCC


Similar Part No. - BD9874CP-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS-E2 ROHM-BD9870FPS-E2 Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS_09 Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9874CP-V5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9701FP ROHM-BD9701FP_09 Datasheet
516Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9859EFJ ROHM-BD9859EFJ Datasheet
582Kb / 16P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD7957FS-E2 ROHM-BD7957FS-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP-E2 ROHM-BD9701FP-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9G101G ROHM-BD9G101G Datasheet
1Mb / 23P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9329AEFJ ROHM-BD9329AEFJ Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com