Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2152F-E2 Datasheet(PDF) 2 Page - Rohm

Part # BU2152F-E2
Description  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152F-E2 Datasheet(HTML) 2 Page - Rohm

  BU2152F-E2 Datasheet HTML 1Page - Rohm BU2152F-E2 Datasheet HTML 2Page - Rohm BU2152F-E2 Datasheet HTML 3Page - Rohm BU2152F-E2 Datasheet HTML 4Page - Rohm BU2152F-E2 Datasheet HTML 5Page - Rohm BU2152F-E2 Datasheet HTML 6Page - Rohm BU2152F-E2 Datasheet HTML 7Page - Rohm BU2152F-E2 Datasheet HTML 8Page - Rohm BU2152F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Technical Note
2/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Thermal derating curve
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
BU2050F
BU2092F
BU2092FV
Power Supply Voltage
VDD
-0.3 to +7.0
-0.3 to +7.0
V
Power dissipation 1
Pd1
450 *
1
450 (SOP) *
2
400 (SSOPB) *
3
mW
Power dissipation 2
Pd2
-
550 (SOP) *
4
650 (SSOPB) *
5
mW
Input Voltage
VIN
VSS-0.3 to VDD+0.5
VSS-0.3 to VDD+0.3
V
Output Voltage
Vo
VSS-0.3 to VDD+0.5
VSS to +25.0
V
Operating Temperature
Topr
-40 to +85
-25 to +75
Storage Temperature
Tstg
-55 to +125
-55 to +125
*1 Reduced by 4.5mW/℃ over 25℃
*2 Reduced by 4.5mW/℃ over 25℃
*3 Reduced by 4.0mW/℃ over 25℃
*4 Reduced by 5.5mW/℃ for each increase in Ta of 1℃ over 25℃ (When mounted on a board 50mm×50mm×1.6mm Glass-epoxy PCB).
*5 Reduced by 6.5mW/℃ for each increase in Ta of 1℃ over 25℃ (When mounted on a board 70mm×70mm×1.6mm Glass-epoxy PCB).
Parameter
Symbol
Limits
Unit
BU2099FV
BD7851FP
BU2152FS
Power Supply Voltage
VDD
-0.3 to +7.0
0 to +7.0
-0.3 to +7.0
V
Power dissipation 1
Pd1
400 (SSOPB) *
6
1450 *
7
800 *
8
mW
Power dissipation 2
Pd2
650 (SSOPB) *
9
-
-
mW
Input Voltage
VIN
VSS-0.3 to VDD+0.3
-0.3 to VCC+0.3
VSS-0.3 to VDD+0.3
V
Output Voltage
Vo
VSS to +25.0
0 to +10
VSS-0.3 to VDD+0.3
V
Operating Temperature
Topr
-40 to +85
-30 to +85
-25 to +85
Storage Temperature
Tstg
-55 to +125
-55 to +150
-55 to +125
*6 Reduced by 4.5mW/℃ over 25℃
*7 Reduced by 11.6mW/℃ over 25℃
*8 Reduced by 8.0mW/℃ over 25℃
*9 Reduced by 6.5mW/℃ for each increase in Ta of 1℃ over 25℃ (When mounted on a board 70mm×70mm×1.6mm Glass-epoxy PCB).
700
600
500
400
300
200
100
0
25
50
75
100
125
150
175
Ambient temperature Ta [℃]
BU2099FV
85℃
BU2050F
25
50
75
100
125
150
175
Ambient temperature Ta [℃]
85℃
400
200
0
800
600
1200
1000
1600
1400
BU2152FS
BD7851FP
700
600
500
400
300
200
100
0
25
50
75
100
125
150
175
Ambient temperature Ta [℃]
BU2092FV
BU2092F


Similar Part No. - BU2152F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2152F-E2 ROHM-BU2152F-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Similar Description - BU2152F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com