Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGC1C226MCR Datasheet(PDF) 9 Page - Rohm

Part # TCFGC1C226MCR
Description  Chip tantalum capacitors with (Fail-safe open structure type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGC1C226MCR Datasheet(HTML) 9 Page - Rohm

Back Button TCFGC1C226MCR Datasheet HTML 4Page - Rohm TCFGC1C226MCR Datasheet HTML 5Page - Rohm TCFGC1C226MCR Datasheet HTML 6Page - Rohm TCFGC1C226MCR Datasheet HTML 7Page - Rohm TCFGC1C226MCR Datasheet HTML 8Page - Rohm TCFGC1C226MCR Datasheet HTML 9Page - Rohm TCFGC1C226MCR Datasheet HTML 10Page - Rohm TCFGC1C226MCR Datasheet HTML 11Page - Rohm TCFGC1C226MCR Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TCFG series C Case
Tantalum capacitors
Rev.C
9/11
Allowable power dissipation (W) and maximum temperature rising
Case
Ambient temp.
+25°C
+55°C
+85°C
+125°C
0.110
C case (6032)
0.099
0.088
0.044
5
Max. Temp Rise[
°C]
552
(7) Impedance frequency characteristics
(8) ESR frequency characteristics
0.001
1000.000
100.000
10.000
1.000
0.100
0.01
0.01
0.1
1
10
100
1000 10000 100000
FREQUENCY (KHz)
Fig.7
C1A107
D1C107
0.100
1.000
10.0000
0.001
0.010
0.01
0.1
1
10
100 1000
100000
10000
FREQUENCY (KHz
)
Fig.8
C1A107
D1C107
(9) Temperature characteristics
−10.0
−6.0
−8.0
−2.0
−4.0
0.0
2.0
6.0
8.0
4.0
10.0
−55
25
Cap 120Hz
85
125
Fig.9
TEMPERATURE ( C)
16V-100
μF D case(7343)
4V-220
μF C case(6032)
0.0
10.0
5.0
15.0
20.0
−55
25
DF 120Hz
85
125
Fig.10
TEMPERATURE ( C)
16V-100
μF D case(7343)
4V-220
μF C case(6032)
10
100
1000
10000
Fig.11
TEMPERATURE ( C)
125 C
85 C
25 C
−55 C
16V-100
μF D case(7343)
4V-220
μF C case(6032)
LC 1WV
1.0
2.0
3.0
0.0
IMPEDANCE 100kHz
Fig.12
TEMPERATURE ( C)
85 C
25 C
−55 C
125 C
16V-100
μF D case(7343)
4V-220
μF C case(6032)


Similar Part No. - TCFGC1C226MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGC1C476M8R ROHM-TCFGC1C476M8R Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGC1C476MCR ROHM-TCFGC1C476MCR Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results

Similar Description - TCFGC1C226MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com