Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2099FV-E2 Datasheet(PDF) 1 Page - Rohm

Part # BU2099FV-E2
Description  Serial / Parallel 4-input Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2099FV-E2 Datasheet(HTML) 1 Page - Rohm

  BU2099FV-E2 Datasheet HTML 1Page - Rohm BU2099FV-E2 Datasheet HTML 2Page - Rohm BU2099FV-E2 Datasheet HTML 3Page - Rohm BU2099FV-E2 Datasheet HTML 4Page - Rohm BU2099FV-E2 Datasheet HTML 5Page - Rohm BU2099FV-E2 Datasheet HTML 6Page - Rohm BU2099FV-E2 Datasheet HTML 7Page - Rohm BU2099FV-E2 Datasheet HTML 8Page - Rohm BU2099FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/24
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Serial-in / Parallel-out Driver Series
Serial / Parallel
4-input Drivers
BU2050F,BU2092F,BU2092FV,BU2099FV,BD7851FP,BU2152FS
Description
Serial-in-parallel-out driver incorporates a built-in shift register and a latch circuit to control a maximum of 24 LED by a 4-line
interface, linked to a microcontroller.
A single external resistor can set the output current value of the constant current up to a maximum of 50mA. (BD7851FP only)
CMOS open drain output type products can drive the maximum current of 25mA.
Features
1) LED can be driven directly.
2) Parallel output of a maximum of 24 bit
3) Operational on low voltage (2.7V to 5.5V)
4) Cascade connection is possible (BU2050F and BU2092F,BU2092FV are not acceptable)
Application
For AV equipment such as, audio stereo sets, videos and TV sets, PCs, control microcontroller mounted equipment.
Product line-up
Parameter
BU2050F
BU2092F
BU2092FV
BU2099FV
BD7851FP
BU2152FS
Unit
Output current
25
25
25
25
50
25
mA
Output line
8
12
12
12
16
24
line
Output type
CMOS
Open drain
Constant
current
CMOS
-
Package
SOP14
SOP18
SSOP-B20
SSOP-B20
HSOP25
SSOP-A32
-
No.09051EAT03


Similar Part No. - BU2099FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2099FV-E2 ROHM-BU2099FV-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV-E2 ROHM-BU2099FV-E2 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
More results

Similar Description - BU2099FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV ROHM-BU2099FV_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
   4/8-Bit Parallel-Input Latched Drivers
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
   4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com