Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-EVAL2R2 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # GPS-EVAL2R2
Description  GPS MODULE EVALUATION BOARD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-EVAL2R2 Datasheet(HTML) 2 Page - rfsolutions.ltd

  GPS-EVAL2R2 Datasheet HTML 1Page - rfsolutions.ltd GPS-EVAL2R2 Datasheet HTML 2Page - rfsolutions.ltd GPS-EVAL2R2 Datasheet HTML 3Page - rfsolutions.ltd GPS-EVAL2R2 Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS033-3 July 2004
©2004 Reg. No. 227 4001, England
Page
2
GPS MODULE EVALUATION BOARD
Jumper Settings
The Pin Headers provide access to the GPS modules pins.
Pin 1 of each of the pin headers connects through to the
GPS module as indicated in the table below. Pin 2 of each
pin header is connected to ground.
Please refer to the Data Interface section on page 4 of
datasheet DS031 for information on the functionality of
these pins.
Jumper
Link
GPS Pin
Link
Open
Link
Closed
I/O
ON_OFF
ON/OFF
ON
OFF
Input
B_R
BAUD RATE
9600
4800
Input
PPS
PPS
N/A
N/A
Output
RST
RESET
-
RESET
Input
STY
STY1
-
STY1
Input
SBY
Standby
-
Standby
Input
ALM
ALMRDY
N/A
N/A
Output
Power Connections
Power can be supplied to the board at either 3.3Vdc or 4-
9Vdc via the 3V3 or JP1 pin headers respectively.
Data Connections
Data access is provided at either RS232 or TTL voltage
levels.
• The 9-way D-Type connector provides data transfer at
RS232 voltage levels. It may be connected directly to a
COM port of a PC.
• The COMMS pin header provides direct access to the
GPS module 3.3V data lines.
COMMS_1 = GPS Data Transmit
COMMS_2 = GPS Data Recieve
In this case the RS232 Driver chip can be disabled by
removing R3 and R9.
Status LEDs
LED1 (the green LED) illuminates to indicate that a valid almanac is available.
LED2 (the red LED) flashes to indicate that no GPS information is available.
LED2 remains off if GPS information is available.
PCB Dimensions: 85.5mm x 33.5mm
Other Information
For a detailed description of the GPS Module please see the following documents:
GPS Datasheet:
DS031
GPS Programmers Guide:
DS032
Software Information
The following software may be used to operate on a PC in conjunction with the evaluation board:
Microsoft Autoroute
This produces a complete Satellite navigation system. The GPS information is utilised to plot your position
on a map of your current location.


Similar Part No. - GPS-EVAL2R2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GPS-100 ADVANTECH-GPS-100 Datasheet
321Kb / 1P
   Embedded GPS Module with Patch Antenna
GPS-101 ADVANTECH-GPS-101 Datasheet
321Kb / 1P
   Embedded GPS Module with Patch Antenna
GPS-102 ADVANTECH-GPS-102 Datasheet
314Kb / 1P
   GPS Module with Dead Reckoning Sensor
GPS-106 ADVANTECH-GPS-106 Datasheet
314Kb / 1P
   GPS Module with Dead Reckoning Sensor
logo
SparkFun Electronics
GPS-10920 SPARKFUN-GPS-10920 Datasheet
109Kb / 2P
   SparkFun Venus GPS Logger - SMA Connector
11/16/2015
More results

Similar Description - GPS-EVAL2R2

ManufacturerPart #DatasheetDescription
logo
Epson Company
S7U4E002003 EPSON-S7U4E002003 Datasheet
142Kb / 2P
   Micro GPS Evaluation Module
logo
NXP Semiconductors
AN11101 NXP-AN11101 Datasheet
632Kb / 20P
   BGU7007 GPS front end evaluation board
Rev. 1-7 September 2011
logo
Abracon Corporation
ACR1004GC-EVB ABRACON-ACR1004GC-EVB Datasheet
726Kb / 3P
   Evaluation Board - GNSS GPS L5 Chip Antenna
10-13-21
ABBTM-2.4GHZ-EVAL ABRACON-ABBTM-2.4GHZ-EVAL Datasheet
2Mb / 4P
   Bluetooth Module Evaluation Board
01.26.12
ACAG0301-15752450-EVB ABRACON-ACAG0301-15752450-EVB Datasheet
1Mb / 4P
   WiFi GPS Multiband Ceramic Chip Antenna Evaluation Board
08-20-19
ACAG0301-1575-EVB ABRACON-ACAG0301-1575-EVB Datasheet
1Mb / 4P
   1575 MHz GPS Ceramic Chip Antenna Evaluation Board
08-14-19
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
   Wireless LAN Module Evaluation Board
logo
Abracon Corporation
ACAR0301-SG3-EVB ABRACON-ACAR0301-SG3-EVB Datasheet
853Kb / 5P
   GNSS/GPS/GLONASS/BEIDOU SMD Chip Antenna Evaluation Board
09-3-19
logo
NXP Semiconductors
OM7815 NXP-OM7815 Datasheet
108Kb / 1P
   GPS low-noise amplifier front-end evaluation board using BGU7008
5/18/2012
logo
STMicroelectronics
EVB-LIV3F STMICROELECTRONICS-EVB-LIV3F Datasheet
86Kb / 4P
   Teseo-LIV3F GNSS module Evaluation Board
November 2017 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com