Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGB1E475M8R Datasheet(PDF) 2 Page - Rohm

Part # TCFGB1E475M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB1E475M8R Datasheet(HTML) 2 Page - Rohm

  TCFGB1E475M8R Datasheet HTML 1Page - Rohm TCFGB1E475M8R Datasheet HTML 2Page - Rohm TCFGB1E475M8R Datasheet HTML 3Page - Rohm TCFGB1E475M8R Datasheet HTML 4Page - Rohm TCFGB1E475M8R Datasheet HTML 5Page - Rohm TCFGB1E475M8R Datasheet HTML 6Page - Rohm TCFGB1E475M8R Datasheet HTML 7Page - Rohm TCFGB1E475M8R Datasheet HTML 8Page - Rohm TCFGB1E475M8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TCFG Series B Case
Tantalum capacitors
Rev.D
2/12
Capacitance range
TCFG series B Case
(
μF)
4
0G
2.5
0E
3.3 (335)
4.7 (475)
6.8 (685)
10 (106)
15 (156)
22 (226)
33 (336)
47 (476)
68 (686)
100 (107)
150 (157)
220 (227)
6.3
0J
10
1A
16
1C
20
1D
25
1E
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
Rated voltage (V)
Remark) Case size codes (B) in the above show each size products line-up.
∗ : Under development
: New product
Marking
10
16V
[B Case]
The indications listed below should be given on the surface of a capacitor.
Polarity
: The polarity should be shown by
bar. (on the anode side)
Rated DC voltage : Due to the small size of A case, a voltage code is used as shown below.
Nominal capacitance
note 1)
note 2) voltage code and capacitance code are variable with parts number
(1)
10
(2)
16V
Visual typical example (1) voltage code (2) capacitance code


Similar Part No. - TCFGB1E475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB1E475M8R ROHM-TCFGB1E475M8R Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGB1E475M8R ROHM-TCFGB1E475M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB1E475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com