Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGC0J686MCR Datasheet(PDF) 10 Page - Rohm

Part # TCFGC0J686MCR
Description  Chip tantalum capacitors with (Fail-safe open structure type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGC0J686MCR Datasheet(HTML) 10 Page - Rohm

Back Button TCFGC0J686MCR Datasheet HTML 4Page - Rohm TCFGC0J686MCR Datasheet HTML 5Page - Rohm TCFGC0J686MCR Datasheet HTML 6Page - Rohm TCFGC0J686MCR Datasheet HTML 7Page - Rohm TCFGC0J686MCR Datasheet HTML 8Page - Rohm TCFGC0J686MCR Datasheet HTML 9Page - Rohm TCFGC0J686MCR Datasheet HTML 10Page - Rohm TCFGC0J686MCR Datasheet HTML 11Page - Rohm TCFGC0J686MCR Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TCFG series C Case
Tantalum capacitors
Rev.C
10/11
Beware of inrush current.
Inrush current
Inrush currents are inversely proportional ESR. Large inrush currents can cause components failure.
Fig. 13 Maximum inrush current and ESR
ESR
Ω (100kHz)
33
μF
100
μF
tantalum capacitor
aluminum electrolysis
4.7
μF
4.7
μF
100
10
1
0.1
0.1
1
10
100
47
μF
Vpp
=10V llimit=20A
Pulse Width
=500μs
Power OP Amp Slew Rate
=10V/6μs
22
μF
15
μF
33
μF
Inrush current can be limited by means of a protective resistor.
Fig. 14 Imax change due to protective resistor R
V (V)
100
10
1
R
I
=
0.476
+R
V
0.1
0.1
1
10
100
I
=
SAMPLE 16V
−3.3μF
Pulse width
=500μs
Slew rate
=10V−6μc
Current limit
=20A
0.25
1.0
2.0
5.0
0.476
V
R
=0Ω
0.5
(10) Ultrasonic cleaning
Carry out cleaning under as mild conditions as possible. The internal element of a tantalum capacitor are larger than
those of a transistor or diode, so it is not as resistant as ultrasonic waves.
Example : water
Propagation speed
1500m / s
Solvent density
1g / cm
3
Frequency Wavelength
20kHz
7.5cm
28kHz
5.3cm
50kHz
3.0cm
Frequency and wavelength


Similar Part No. - TCFGC0J686MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGC0J157M8R ROHM-TCFGC0J157M8R Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGC0J157MCR ROHM-TCFGC0J157MCR Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results

Similar Description - TCFGC0J686MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com