Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGA1E225M8R Datasheet(PDF) 6 Page - Rohm

Part # TCFGA1E225M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGA1E225M8R Datasheet(HTML) 6 Page - Rohm

Back Button TCFGA1E225M8R Datasheet HTML 2Page - Rohm TCFGA1E225M8R Datasheet HTML 3Page - Rohm TCFGA1E225M8R Datasheet HTML 4Page - Rohm TCFGA1E225M8R Datasheet HTML 5Page - Rohm TCFGA1E225M8R Datasheet HTML 6Page - Rohm TCFGA1E225M8R Datasheet HTML 7Page - Rohm TCFGA1E225M8R Datasheet HTML 8Page - Rohm TCFGA1E225M8R Datasheet HTML 9Page - Rohm TCFGA1E225M8R Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TCFG Series A Case
Tantalum capacitors
Rev.D
6/12
Standard list, TCFG series A Cases
Part No.
Rated
Voltage
@85
°C
(V)
Derated
Voltage
@125
°C
(V)
Surge
Voltage
@85
°C
(V)
Capacitance
120Hz
(
μF)
Impedance
100kHz
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
DF 120Hz
(%)
Case
code
42.5
5
33
1.3
68
3.0
12
42.5
5
3.3
0.5
4.7
0.5
14
4
2.5
5
15
0.6
22
0.9
12
TCFG A 0G 475
TCFG A 0G 685
TCFG A 0G 106
TCFG A 0G 156
TCFG A 0G 226
TCFG A 0G 336
TCFG A 0G 686
TCFG A 0J 335
TCFG A 0J 475
TCFG A 0J 685
TCFG A 0J 106
4
4
2.5
5
6.8
2.5
5
4.7
0.5
0.5
12
10
A
A
A
A
A
A
A
A
A
A
A
42.5
5
4.9
5.6
4.2
3.0
4.0
3.5
5.6
3.0
4.9
4.0
4.2
10
0.5
12
42.5
5
6.8
0.5
32
6.3
4
8
10
0.6
10
6.3
4
8
12
6.3
4
8
12
6.3
4
8
12
(A : 3216)
±20, ±10
±20, ±10
±20, ±10
±20, ±10
±20, ±10
±20, ±10
±20, ±10
±20, ±10
±20, ±10
±20, ±10
±20, ±10
−55
°C
8
10
8
8
6
8
16
6
8
8
8
25
°C
85
°C
10
12
10
10
8
10
20
47
1.9
TCFG A 0G 476
A
3.2
42.5
5
30
±20, ±10
12
16
8
10
10
10
TCFG A 0J 156
A
3.0
15
0.9
6.3
48
12
±20, ±10
810
TCFG A 0J 226
A
3.5
22
1.4
6.3
4
8
14
±20, ±10
10
12
TCFG A 0J 476
A
3.2
47
3.0
6.3
4
8
34
±20, ±10
18
24
TCFG A 1A 155
A
8.8
1.5
0.5
10
6.3
13
10
±20, ±10
68
TCFG A 1A 225
A
5.6
2.2
0.5
10
6.3
13
10
±20, ±10
68
TCFG A 1A 335
A
4.9
3.3
0.5
10
6.3
13
12
±20, ±10
810
TCFG A 1A 475
A
4.2
4.7
0.5
10
6.3
13
12
±20, ±10
810
TCFG A 1A 685
A
4.0
6.8
0.7
10
6.3
13
12
±20, ±10
810
TCFG A 1A 106
A
3.0
10
1.0
10
6.3
13
12
±20, ±10
810
TCFG A 1A 226
A
3.2
22
2.2
10
6.3
13
30
±20, ±10
12
16
TCFG A 1C 105
A
7
1.0
0.5
16
10
20
10
±20, ±10
68
TCFG A 1C 155
A
5.6
1.5
0.5
16
10
20
10
±20, ±10
68
TCFG A 1C 225
A
4.9
2.2
0.5
16
10
20
10
±20, ±10
68
TCFG A 1C 335
A
4.8
3.3
0.5
16
10
20
10
±20, ±10
68
TCFG A 1C 475
A
3.9
4.7
0.8
16
10
20
10
±20, ±10
68
TCFG A 1C 685
A
3.8
6.8
1.1
16
10
20
10
±20, ±10
68
TCFG A 1C 106
A
3.5
10
1.6
16
10
20
12
±20, ±10
810
TCFG A 1D 105
A
7
1.0
0.5
20
13
26
10
±20, ±10
68
TCFG A 1E 105
A
7
1.0
0.5
25
16
32
8
±20, ±10
68
125
°C
(
Ω)
=Tolerance (M :
±20%, K : ±10%)
TCFG A 1E 335
A
4.8
3.3
0.8
25
16
32
10
±20, ±10
68
TCFG A 1E 475
A
3.4
4.7
1.2
25
16
32
12
±20, ±10
810
TCFG A 1D 335
A
4.8
3.3
0.7
20
13
26
10
±20, ±10
68
TCFG A 1D 475
A
3.9
4.7
0.9
20
13
26
10
±20, ±10
68
TCFG A 0J 336
A
3.2
33
2.1
6.3
4
8
30
±20, ±10
12
16
TCFG A 1A 156
A
3.5
15
1.5
10
6.3
13
14
±20, ±10
10
12
TCFG A 1D 155
A
6.0
1.5
0.5
20
13
26
10
±20, ±10
68
TCFG A 1D 255
A
5.2
2.2
0.5
20
13
26
10
±20, ±10
68
TCFG A 1E 155
A
6.0
1.5
0.5
25
16
32
10
±20, ±10
68
TCFG A 1E 255
A
5.2
2.2
0.6
25
16
32
10
±20, ±10
68


Similar Part No. - TCFGA1E225M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGA1E255M8R ROHM-TCFGA1E255M8R Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGA1E255M8R ROHM-TCFGA1E255M8R Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGA1E225M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com