Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEL-44MQFP Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # MEL-44MQFP
Description  Low Cost PIC Programmer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MEL-44MQFP Datasheet(HTML) 1 Page - rfsolutions.ltd

  MEL-44MQFP Datasheet HTML 1Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS600-4 25
th Aug ‘02
RF Solutions Ltd , Unit 21, Cliffe Industrial Est. Lewes. BN8 6JL
Page 1
Tel +44 (0)1273 898 000 Fax +44 (0)1273 480 661
www.rfsolutions.co.uk sales@rfsolutions.co.uk
Low Cost PIC Programmer
MEL-EPICA
Low Cost PIC Programmer
Runs within Windows or DOS
Integrates within MPLAB
Wide Range ZIF adapters for Packages
Power Supply 12Vac or 2 X PP3 batteries
Software Upgradeable for future PIC Micros
Includes Free Macro Assembler
Programmer Device List
PIC12XXX
PIC14XXX
PIC16C5X
PIC16C505
PIC16XXX
PIC17XXX
PIC18XXX
P
P
O
P
P
P
P
The EPICA can program all new Flash devices
Description
The pocket-sized EPIC Plus Programmer quickly and easily programs PlC microcontrollers.
Supplied ready to operate, the basic programmer includes an 18-pin ZIF socket for programming 8-and 18-
pin PlCmicros.
In order to accommodate the many device packages, the programmer has a 10pin
Expansion header to connect a ZIF adaptors.
The EPIC Plus Programmer is software upgradeable for future PlC micros. It includes PC software and a
free macro assembler that operates with Microchip assembler or with "C" or “PIC Basic”.
The Programmer requires two 9-volt PP3 batteries or an AC adapter. Communication to the host PC is via
a standard PC parallel printer port.
Software
Along with the original DOS programming software, the EPIC Plus
Programmer now includes Windows 95/NT programming
software. This software supports all the latest mid-range PIC
micros. It also adds the capability to read a device and save the
data to a .HEX file.
ZIF Adapters
Part No.
Description
MEL-EPICA
PIC Programmer
MEL-4028Z
40/28pin ZIF Socket
MEL-8SOIC
8pin SOIC Adaptor
MEL-18SOIC
18pin SOIC Adaptor
MEL-28SOIC
28pin SOIC Adaptor
MEL-44MQFP
44 Pin MQFP Adapter
MEL-44PLCC
44 Pin PLCC Adapter
MEL-68PLCC
68 Pin PLCC Adapter
MEL-1868PLCC
PIC18C6xx 68pin PLCC Adaptor
MEL-1884PLCC
PIC18C8xx 84pin PLCC Adaptor


Similar Part No. - MEL-44MQFP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEL-100 MSYSTEM-MEL-100 Datasheet
76Kb / 2P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
MEL-200 MSYSTEM-MEL-200 Datasheet
76Kb / 2P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MEL-44MQFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7-STICK STMICROELECTRONICS-ST7-STICK Datasheet
75Kb / 2P
   Low Cost, In-Circuit Programmer for ST7
logo
Microchip Technology
DT100112 MICROCHIP-DT100112 Datasheet
165Kb / 2P
   PIC-BLE Development Board
12-17-19
logo
Bolymin, Inc
BEGV639M BOLYMIN-BEGV639M_17 Datasheet
3Mb / 1P
   High Performance Low power Pic 16-bit microprocessor
logo
Intersil Corporation
CDP1877 INTERSIL-CDP1877 Datasheet
45Kb / 10P
   Programmable Interrupt Controller (PIC)
March 1997
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
logo
Bolymin, Inc
BEGV606M BOLYMIN-BEGV606M_17 Datasheet
939Kb / 1P
   High Performance Low power Pic 16-bit microprocessor
logo
List of Unclassifed Man...
VT82C586A ETC-VT82C586A Datasheet
215Kb / 43P
   PIC Integrated Peripheral Controller
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
   Programmer Board
logo
Bolymin, Inc
BEGV627M BOLYMIN-BEGV627M_17 Datasheet
1,020Kb / 1P
   High Performance Low power Pic 16-bit microprocessor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com