Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105-433NBF Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # 105-433NBF
Description  REMOTE RECEIVER DECODERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

105-433NBF Datasheet(HTML) 3 Page - rfsolutions.ltd

  105-433NBF Datasheet HTML 1Page - rfsolutions.ltd 105-433NBF Datasheet HTML 2Page - rfsolutions.ltd 105-433NBF Datasheet HTML 3Page - rfsolutions.ltd 105-433NBF Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS105-6 April ‘05
©2003 Reg. No. 227 4001, England
Page 3
‘105’ SERIES REMOTE RECEIVER DECODERS
Low Battery Output
The low battery feature informs the user that the Tx encoder used has a low voltage battery.
The LOW BATT channel operates if the Rx decoder has received a transmitted signal with low voltage signal
present.
This will continue to operate until a transmitted signal without the low voltage signal has been
received.
NOTE: The LOW BATT relay is NOT fitted as standard, a relay of type BT47W/6 or equivalent can be used.
Expanding the system to 15 Relay outputs
The EX115C16A unit is available to connect directly to the ‘105’ Series Decoder providing 15 momentary relay
outputs. For further information please see Datasheet DS115.
Learning A New Transmitter Encoder
1. Press and release the programming switch (SW1)
2. Note that the Learn LED will illuminate
3. Depress and release the transmitter once, LED on the decoder will extinguish
4. Depress and release the transmitter again, LED on the decoder will flash
5. After the LED has stopped flashing the transmitter has been successfully taught to the decoder
6. This transmitter will now operate the system
Golden Transmitter: A special ‘golden transmitter’ encoder is available which when operated, causes the
same function as the user pressing the ‘Learn Switch’ This enables ‘remote Learning’ (for applications where
the ‘105’ decoder is inaccessible. For further information please contact our sales dept.
Erasing Existing Tx Encoder
1.
To completely erase the Tx encoders, press SW1 on the Rx decoder for 10 seconds.
2.
The learn LED will turn off after the 10 seconds to indicate the Tx encoder(s) have been erased
NOTE: You cannot erase individual Tx encoders
**Range
Please note that all radio systems are dependant on a radio signal being received through airspace.
The range quoted is the optimal in direct line of sight without obstacles and in good atmospheric conditions.
Range is affected by many things, e.g. local environmental conditions, atmospheric conditions, interference
from other radio transmitters.
In very worse case applications the range quoted may be reduced to 30% of the optimal range stated.
Technical Specifications
Dimensions: Enclosure: 190 x 120 x 60 mm
(PCB: 174 x 106mm)
Storage Temperature; -10 to +70
o Celsius.
Operating Temperature; 0 to +55
o Celsius.
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
11.0
12.0
30.0
V
Supply Current: Quiescent
25
mA
Time from Encoder Switch depressed to Decoder
output change
100
mSecs
Time from Encoder Switch release to Decoder output
change
300
mSecs
All Relays operating
400
mA
Relay Rating* (240Vac) RLY1-4
2.5
5
A
Low Battery Relay Rating (RLY9)
2
A @12Vdc
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes


Similar Part No. - 105-433NBF

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
105-433FR2 RFSOLUTIONS-105-433FR2 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
More results

Similar Description - 105-433NBF

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
008-315FR1 RFSOLUTIONS-008-315FR1 Datasheet
50Kb / 2P
   RADIO RECEIVER DECODERS
logo
Unisonic Technologies
UT912D UTC-UT912D_11 Datasheet
351Kb / 8P
   DECODERS FOR REMOTE CONTROLLER
UT912D UTC-UT912D_15 Datasheet
360Kb / 8P
   DECODERS FOR REMOTE CONTROLLER
UT912D UTC-UT912D Datasheet
296Kb / 7P
   DECODERS FOR REMOTE CONTROLLER
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
   REMOTE CONTROL RECEIVER
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
   INFRARED REMOTE CONTROL RECEIVER
logo
Princeton Technology Co...
PT2249A PTC-PT2249A_07 Datasheet
488Kb / 23P
   Remote Control Receiver IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com