Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEZ1000RE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # AEZ1000RE
Description  Epoxy Molded Precision Wirewound Axial Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AEZ1000RE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  AEZ1000RE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
41
P Series
Epoxy Molded Precision
Wirewound Axial Terminals
L
D
1" / 25.4mm
min.
Terminal AWG
Series
Wattage
Diam. (in./mm)
Length (in./mm)
Lead ga.
PE
0.125
0.125 / 3.18
0.250 / 6.35
22
PF
0.250
0.187 / 4.75
0.375 / 9.53
22
PA
0.500
0.250 / 6.35
0.500 / 12.7
22
PG
0.750
0.250 / 6.35
0.750 / 19.1
20
PB
0.900
0.375 / 9.53
1.000 / 25.4
20
PC
1.500
0.375 / 9.53
1.000 / 25.4
20
PD
2.000
0.500 / 12.7
1.500 / 38.1
20
Ohmite’s P Series Epoxy
molded Precision Wirewound
Resistors are designed to
meet the exacting require-
ments of Military Specification
MIL-R-93. The P Series offers
high stability and low Tempera-
ture Coefficient of Resistance
(TCR). These resistors offer
tolerances as accurate as
±0.005% and Temperature Co-
efficients of Resistance (TCR)
as low as ±2PPM/°C in a wide
range of resistance values.
F E A T U R E S
• Wide Range of Precise
Tolerances (±0.005% to ±1%).
• Low Inductance.
• RoHS Compliant.
• Axial configuration convenient
for PCB and hard wiring applica-
tions.
S P E C I F I C A T I O N S
Material
Terminals: Tinned Copper
Encapsulation: Silicone Molding
Compound
Electrical
Resistance range: 1Ω to 15MΩ
Standard Tolerances: 0.005%,
0.01%, 0.02%, 0.05%, 0.1%,
0.25%, 0.5%, and 1%
Temperature Coefficient of
Resistance, 0°C to 85°C:
1Ω to <10Ω: ±25 PPM/°C
10 Ω to <100Ω: ± 15 PPM/°C
≥100Ω: ±10 PPM/°C
Operating Temperature Range:
-65°C to 145°C
Temperature Compensating
TCR: from +80 through +6000
PPM
TCR Matching: to ±0.5 PPM/°C
at 25°C
O R D E R I N G I N F O R M AT I O N
P A F 1 0 0 0 R E
Wattage
E = 0.125W
F = 0.25W
A = 0.5W
G = 0.75W
B = 0.9W
C = 1.5W
D = 2.0W
Tolerance
Z = 0.005%
T = 0.010%
Q = 0.020%
A = 0.050%
B = 0.100%
C = 0.250%
D = 0.500%
F = 1.000%
P Series
Resistance
1R000 =
1
10R00 =
10
100R0 = 100
1000R = 1000
10K00 = 10K
100K0 = 100K
1M000 =
1M
E = RoHS compliant
100
Ambient Temperature,
°C
60
20
0
0
80
120
60
100
140
80
40
160
40
20
65
85
115
105
145
125
1.0%, 0.5%, 0.25% & 0.1%
0.05%
0.02%
0.01%
0.005%
D E R A T I N G
P Series Resistors
must be derated for
tolerances below
0.1% and for elevated
ambient tempera-
tures. Choose the
curve corresponding
to the desired toler-
ance. Determine the
maximum allowed
percentage of rated
power from the graph
based on the maximum
ambient temperature
expected during use.
Check product availability at
www.ohmite.com


Similar Description - AEZ1000RE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MR500 VISHAY-MR500 Datasheet
85Kb / 3P
   Wirewound Resistor, Ultra Precision,Epoxy Molded, Axial Lead
Revision: 17-Aug-12
MR100 VISHAY-MR100 Datasheet
83Kb / 3P
   Wirewound Resistor, Ultra Precision,Epoxy Molded, Axial Lead
Revision: 17-Aug-12
MR93 VISHAY-MR93 Datasheet
84Kb / 3P
   Wirewound Resistor, Ultra Precision,Epoxy Molded, Axial Lead
Revision: 17-Aug-12
MR300 VISHAY-MR300 Datasheet
83Kb / 3P
   Wirewound Resistor, Ultra Precision,Epoxy Molded, Axial Lead
Revision: 17-Aug-12
RMB VISHAY-RMB Datasheet
203Kb / 2P
   Molded Precision Wirewound Resistors Axial Leads
Revision: 23-Sep-13
RMB VISHAY-RMB Datasheet
100Kb / 4P
   Molded Precision Wirewound Resistors Axial Leads
Revision: 23-Sep-13
MR700 VISHAY-MR700 Datasheet
75Kb / 3P
   Wirewound Resistor, Ultra Precision,Epoxy Molded, Radial Lead
Revision: 17-Aug-12
MR600 VISHAY-MR600 Datasheet
83Kb / 3P
   Wirewound Resistor, Ultra Precision, Epoxy Molded, Radial Lead
logo
List of Unclassifed Man...
Z25S ETC-Z25S Datasheet
45Kb / 2P
   AXIAL LEADED EPOXY MOLDED
logo
Voltage Multipliers Inc...
OC150G VMI-OC150G Datasheet
177Kb / 2P
   Optocoupler ??Axial Leaded ??Epoxy Molded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com