Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11321BMCL Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK11321BMCL
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11321BMCL Datasheet(HTML) 3 Page - TOKO, Inc

  TK11321BMCL Datasheet HTML 1Page - TOKO, Inc TK11321BMCL Datasheet HTML 2Page - TOKO, Inc TK11321BMCL Datasheet HTML 3Page - TOKO, Inc TK11321BMCL Datasheet HTML 4Page - TOKO, Inc TK11321BMCL Datasheet HTML 5Page - TOKO, Inc TK11321BMCL Datasheet HTML 6Page - TOKO, Inc TK11321BMCL Datasheet HTML 7Page - TOKO, Inc TK11321BMCL Datasheet HTML 8Page - TOKO, Inc TK11321BMCL Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
May, 1997 TOKO, Inc.
Page 3
TK113xxB
TK113xxB ELECTRICAL CHARACTERISTICS (Table 1)
Output
Voltage
V
IN Max
V
OUT Max
Test
Voltage
Code
Voltage
2.0 V
20
1.94 V
2.06 V
3.0 V
2.1 V
21
2.04 V
2.16 V
3.1 V
2.2 V
22
2.14 V
2.26 V
3.2 V
2.3 V
23
2.24 V
2.36 V
3.3 V
2.4 V
24
2.34 V
2.46 V
3.4 V
2.5 V
25
2.44 V
2.56 V
3.5 V
2.6 V
26
2.54 V
2.66 V
3.6 V
2.7 V
27
2.64 V
2.76 V
3.7 V
2.8 V
28
2.74 V
2.86 V
3.8 V
2.9 V
29
2.84 V
2.96 V
3.9 V
3.0 V
30
2.94 V
3.06 V
4.0 V
3.1 V
31
3.04 V
3.16 V
4.1 V
3.2 V
32
3.14 V
3.26 V
4.2 V
3.3 V
33
3.24 V
3.36 V
4.3 V
3.4 V
34
3.335 V
3.465 V
4.4 V
3.5 V
35
3.435 V
3.565 V
4.5 V
3.6 V
36
3.535 V
3.665 V
4.6 V
Output
Voltage
V
IN Max
V
OUT Max
Test
Voltage
Code
Voltage
3.7
37
3.630
3.770
4.7
3.8
38
3.725
3.875
4.8
3.9
39
3.825
3.975
4.9
4.0
40
3.920
4.080
5.0
4.1
41
4.020
4.180
5.1
4.2
42
4.120
4.280
5.2
4.3
43
4.215
4.385
5.3
4.4
44
4.315
4.485
5.4
4.5
45
4.410
4.590
5.5
4.6
46
4.510
4.690
5.6
4.7
47
4.605
4.795
5.7
4.8
48
4.705
4.895
5.8
4.9
49
4.800
5.000
5.9
5.0
50
4.900
5.100
6.0
5.5
55
5.390
5.610
6.5
6.0
60
5.880
6.120
7.0
8.0
80
7.840
8.160
9.0


Similar Part No. - TK11321BMCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11321BMCL TOKO-TK11321BMCL Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11321BMCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com