Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

120T2-433F Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # 120T2-433F
Description  KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

120T2-433F Datasheet(HTML) 1 Page - rfsolutions.ltd

  120T2-433F Datasheet HTML 1Page - rfsolutions.ltd 120T2-433F Datasheet HTML 2Page - rfsolutions.ltd 120T2-433F Datasheet HTML 3Page - rfsolutions.ltd 120T2-433F Datasheet HTML 4Page - rfsolutions.ltd 120T2-433F Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS118-5
Oct. 07
©
2006 REG No 277 4001, ENGLAND.
Page 1
118, 128,
10208
KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
Description
A Range of ‘ready to operate’ remote control systems
supplied as either AM or FM and contain a transmitter
and receiver decoder pair.
Installation simply requires connections to power
supply
and the output relay screw terminals. The
output relays are activated by the key press on the
transmitter encoder.
The system utilises the Microchip Keeloq protocol,
ensuring high security and reliability.
The decoder has the capacity to learn up to 50 unique
transmitters. These are memorised even if the power
is removed.
The decoder is supplied in an IP65 rated enclosure
with Cable Gland and wall mounting lugs supplied
Complete Remote Control System
1 – 4 Channel Remote Control Systems
12 or 24Vdc Supply
AM / FM Remote Receiver Decoder
High Security
Protocol
‘Easy Learn’ Tx Encoder Feature
Easy Installation via Screw Terminals.
Up to 50 Transmitters per System
315 / 433 / 868 / 915 MHz Available
Up to 4 Relay Outputs 12Apk @ 230Vac
Momentary or Latching Outputs
IP65 Rated Enclosure (Wall Mounting Lugs
Supplied)
Requires No Radio Licence
315MHz FCC Compliant for use in USA
Range
AM upto 100metres
FM upto 200metres
FMNB upto 1000metres


Similar Part No. - 120T2-433F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
120T2-433F RFSOLUTIONS-120T2-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
120T2-433F RFSOLUTIONS-120T2-433F Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
120T2-433F RFSOLUTIONS-120T2-433F Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
More results

Similar Description - 120T2-433F

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
   TRAP Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
   Professional Remote Control Systems
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
   VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
   Professional Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
   VIPER Remote Control Systems
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
   RADIO REMOTE CONTROL SYSTEMS
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com