Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA1120 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # PCA1120
Description  PCA models for AC outputs PCD models for DC outputs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

PCA1120 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  PCA1120 Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
83
Solid State Power Controls
PCA models for AC outputs
PCD models for DC outputs
Ohmitrol Power and Motor
Speed Controls are solid state
units which provide an infi-
nitely smooth power control
over their entire voltage range.
An integral internal trimmer
on some models allows cus-
tomization of the control to a
specific application by a simple
turn of a screwdriver.
Power and motor speed
controls are extremely ver-
satile from an AC source;
either AC or DC outputs are
possible with the appropriate
model. Model PCA, AC output,
has applications to control
heaters (both resistive and
infrared) and motors such as
universal and shaded pole,
and can replace transformers.
Model PCD, DC output, can
be used to control shunt and
series wound, universal, com-
pound and permanent magnet
motors, magnetic clutches,
brakes, etc.
F E A T U R E S
• AC and DC output types
• Component styles
• On-Off switch built in
• Internal trimmer on PCA and
PCD models
• Adjustable control range
S P E C I F I C A T I O N S
Output: PCA models have an AC
output. PCD models have two
DC outputs: one output from
an AC source is rectified DC at
approximately full line voltage,
the other output is variable or
controlled DC. (DC models have
terminals at the rear of the unit
which accept quick connectors.)
Adjustable control range: On
PCA and PCD models an inter-
nal trimmer allows the starting
point of the control voltage to be
set anywhere within the stated
trimmer voltage range with a
screwdriver.
Armature current: For PCD
models, 500 mA min. for proper
operation.
Knobs/Dials: All power controls
on this page accept part number
5000 dial and any knob with
a quarter-inch hole (part num-
bers 5102, 5103, 5103A, 5106,
5106A, 5107, 5109, 5109A,
5110, 5110A, 5111, 5111A, 5112,
5112A, 5116, 5116A, 5150,
5150A and 5152A)
NOTE: For panel mount use under
full power output conditions, the
face of the control must be in
contact with a metal panel. For
optimum heat dissipation, a ther-
mal-conducting compound must
be applied to the face of the
power control prior to mounting.
Input
Frequency
Output range
Trimmer range
Model
Load (watts)
(volts)
(Hz)
(VAC, nom.)
(volts)
Component style (Ohmitrol) 2.03” x 1.77” x 1.75” (51.6 x 45.0 x 44.5 mm)
PCA1000
1000W 8.3A AC
120VAC
60HZ
0-120VAC
10-50V
PCA1050
15A AC
120VAC
60HZ
0-120VAC
10-75V
PCA1100
1000W 8.3A AC
120VAC
50HZ
0-120VAC
10-50V
PCA1020
2000W 8.3A AC
240VAC
60HZ
0-240VAC
20-100V
PCA1120
2000W 8.3A AC
240VAC
50HZ
0-240VAC
20-100V
2.03” x 2.77” x 1.75” (51.6 x 70.4 x 44.5 mm)
PCD1000
3.5A DC to 6.0A DC
120VAC
60HZ
0-120VDC
10-50V
PCD1100
3.5A DC to 6.0A DC
120VAC
50HZ
0-120VDC
10-50V
PCD1020
3.5A DC to 6.0A DC
240VAC
60HZ
0-240VDC
20-100V
PCD1120
3.5A DC to 6.0A DC
240VAC
50HZ
0-240VDC
20-100V
= Standard values
= Non-standard values subject to minimum handling charge per item
PCA/PCD Style
To see the latest in resistor
technology click on the “What’s
New” tab at ohmite.com
Check product availability at
www.ohmite.com


Similar Part No. - PCA1120

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PCA1127A ZCOMM-PCA1127A Datasheet
57Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - PCA1120

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3A2-DS70M4T OMRON-E3A2-DS70M4T Datasheet
441Kb / 6P
   AC/DC Supply with Timer Models
E3A2-10L OMRON-E3A2-10L Datasheet
441Kb / 6P
   AC/DC Supply with Timer Models
E3A2-R3M4D OMRON-E3A2-R3M4D Datasheet
433Kb / 6P
   AC/DC Supply with Timer Models
logo
Advantech Co., Ltd.
PPC-STAND ADVANTECH-PPC-STAND Datasheet
395Kb / 1P
   Stand Kit For All PPC Models
27-Jun-2018
logo
Skyworks Solutions Inc.
APN1001 SKYWORKS-APN1001 Datasheet
195Kb / 5P
   Circuit Models for Plastic Packaged Microwave Diodes
logo
Omron Electronics LLC
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
   DC Power Relays (25-A Models)
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
   DC Power Relays (200-A Models)
logo
Mitsubishi Electric Sem...
MSZ-A09-12YV MITSUBISHI-MSZ-A09-12YV Datasheet
2Mb / 24P
   Wireless type Models
logo
Hirose Electric
HA16PRN-3SF-A HIROSE-HA16PRN-3SF-A Datasheet
662Kb / 14P
   AUDIO CONNECTORS-MODELS
logo
Omron Electronics LLC
3G3EV-A4002M-CUE OMRON-3G3EV-A4002M-CUE Datasheet
373Kb / 51P
   EC Directives Models)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com