Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

118C3-315A Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # 118C3-315A
Description  KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

118C3-315A Datasheet(HTML) 3 Page - rfsolutions.ltd

  118C3-315A Datasheet HTML 1Page - rfsolutions.ltd 118C3-315A Datasheet HTML 2Page - rfsolutions.ltd 118C3-315A Datasheet HTML 3Page - rfsolutions.ltd 118C3-315A Datasheet HTML 4Page - rfsolutions.ltd 118C3-315A Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS118-5
Oct. 07
©
2006 REG No 277 4001, ENGLAND.
Page 3
118, 128,
10208
KEELOQ REMOTE CONTROL SYSTEMS, 12 / 24Vdc,
315MHz Products
AM Remote Control Systems
Part Number
Description
Transmitter Type
Freq
(MHz)
Range**
(Metres)
118C1-315A
AM RC System 1 ch 12/24Vdc
Pocket Keyfob
315
100
118C3-315A
AM RC System 3 ch 12/24Vdc
Pocket Keyfob
315
100
Additional AM Transmitter Keyfobs
Part Number
Description
Freq
(MHz)
Range**
(Metres)
110C1-315A
Transmitter Keyfob 1 switch (FCC Compliant)
315
100
110C2-315A
Transmitter Keyfob 2 switch (FCC Compliant)
315
100
110C3-315A
Transmitter Keyfob 3 switch (FCC Compliant)
315
100
FM Remote Control Systems
Part Number
Transmitter Type
Transmitter Type
Freq
(MHz)
Range**
(Metres)
10208S1-315F
FM RC System 1 ch 12/24Vdc
Handheld
315
150
10208S4-315F
FM RC System 4 ch 12/24Vdc
Handheld
315
150
Additional FM Transmitters
Part Number
Description
Freq
(MHz)
Range**
(Metres)
102C1-315F
FM Transmitter encoder 1 switch
315
150
102C2-315F
FM Transmitter encoder 2 switch
315
150
102C4-315F
FM Transmitter encoder 4 switch
315
150
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by over 50%


Similar Part No. - 118C3-315A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
118C3AR5 ETC2-118C3AR5 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
More results

Similar Description - 118C3-315A

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
   TRAP Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
   Professional Remote Control Systems
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
   VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
   Professional Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
   VIPER Remote Control Systems
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
   RADIO REMOTE CONTROL SYSTEMS
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
   118 SERIES AM REMOTE CONTROL SYSTEMS.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com