Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBH25P33R0JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TBH25P33R0JE
Description  25 Watt TO220 Package Thick Film Power
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TBH25P33R0JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TBH25P33R0JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
56
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
St andard p ar t number S for tb H Serie S
TBH Series
25 Watt TO220 Package
Thick Film Power
Ohmite’s TBH25 TO220 style
resistors are designed for a
variety of uses that require
intermediate heatsinkable
power at an economical price.
Engineered for industrial
applications, these resistors
deliver reliable performance to
traditional high-quality Ohmite
standards.
Fea T ures
• 25 Watts, @ 25°C case tempera-
ture
• Non-Inductive Performance
• Low Thermal Resistance
• Anti-static tube packaging avail-
able
• Economically priced
• Resistance element is electrically
insulated from metal heat sink
mounting tab
a PPLIC a TION s
• Power Supplies
• Industrial Controls
• Automotive Steering
• Pre-load/Damping
• Snubber/Bleeder
• Current Sensing
orderin G informa tion
0.402"
±0.008
(10.2mm
±0.2)
0.108"
(0.274mm)
ø0.151"
(3.84mm)
0.052"
(1.32mm)
0.032"
(0.81mm)
0.367"
(9.32mm)
0.200"
(5.08mm)
0.050"
(1.27mm)
0.137"
(3.48mm)
0.255"
(6.48mm)
0.630"
(16.00mm)
0.110"
±0.012
(2.8mm
±0.3)
0.015"
(0.38mm)
Molding
0.104"
±0.008
(2.65mm
±0.2)
0.487"
(12.37mm)
Series
Tolerance
J = 5%, standard
Ohm Value
Example:
R030 = 0.030
10R0 = 10
1K50 = 1500
TBH25P2R00JE
RoHS compliant
Non-RoHS version unavailable
te S t da t a
Load Life
(1000hrs @ rated power)
max.
∆R ±1%
Moisture Resistance (MIL-STD-202, method 106)
max.
∆R ±0.5%
Short Time Overload (2x rated power, not to exceed
max.
∆R ±0.3%
1.5x max. operating voltage)
Solderability
(MIL-STD-202, method 208)
Thermal Shock
(MIL-STD-202, method 107, cond. F)
max.
∆R ±0.3%
Terminal Strength
(MIL-STD-202, method 211,
max.
∆R ±0.2%
cond. A (pull test) 2.4N)
Vibration
(MIL-STD-202, method 204, cond. D)
max.
∆R ±0.2%
sP e CIFIC a TION s
Material
Resistor: Thick film element
above 1
Ω, Ni-Cu metal element
below 1
Ω
Case: High Temperature Plastic
Terminals: Solder coated phos-
pher bronze
Electrical:
Derating: 100% @ 25°C to 0% @
150°C curve referenced to case
temperature
Dielectric Strength: 1000 VDC
Max. Mounting Torque: 0.9Nm
Operating Temperature Range:
-55°C to +150°C
Temperature Coefficient:
0.03-10
Ω @ ±100ppm
11
Ω-10KΩ @ ±50ppm
Thermal Resistance: 5°C/W
Tolerance: 5%
Power: 25 Watts. Rating based
on 25°C case temperature. The
case temperature is to be used
for the purposes of establishing
the applied power limit. The case
temperature must be made with
thermocouple contacting the cen-
ter of the component’s mounting
tab mounted on designated heat
sink.
Resistance Range: 0.03
Ω - 10KΩ
Max. Operating Voltage: 350V
Part Number
Ohms
5% Tolerance
0.030
TBH25PR030JE
0.036
TBH25PR036JE
0.040
TBH25PR040JE
0.047
TBH25PR047JE
0.050
TBH25PR050JE
0.075
TBH25PR075JE
2
TBH25P2R00JE
7.5
TBH25P7R50JE
10
TBH25P10R0JE
15
TBH25P15R0JE
22
TBH25P22R0JE
30
TBH25P30R0JE
33
TBH25P33R0JE
47
TBH25P47R0JE
51
TBH25P51R0JE
75
TBH25P75R0JE
Part Number
Ohms
5% Tolerance
100
TBH25P100RJE
150
TBH25P150RJE
220
TBH25P220RJE
240
TBH25P240RJE
330
TBH25P330RJE
470
TBH25P470RJE
510
TBH25P510RJE
1000
TBH25P1K00JE
1500
TBH25P1K50JE
2000
TBH25P2K00JE
2700
TBH25P2K70JE
10,000
TBH25P10K0JE
Note: These dimensions apply to TBH products manufactured after March 2007
Check product availability at
www.ohmite.com


Similar Part No. - TBH25P33R0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TBH25P33R0JE OHMITE-TBH25P33R0JE Datasheet
332Kb / 2P
   Low Thermal Resistance
More results

Similar Description - TBH25P33R0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TCH35P100RJE OHMITE-TCH35P100RJE Datasheet
157Kb / 1P
   35 Watt TO220 Package Thick Film Power
TAH20P100RJE OHMITE-TAH20P100RJE Datasheet
110Kb / 1P
   20 Watt TO220 Package Thick Film Power
logo
RCD COMPONENTS INC.
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
   POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
logo
Ohmite Mfg. Co.
TFH85P2R00JE OHMITE-TFH85P2R00JE Datasheet
98Kb / 1P
   85 Watt TO264 Package Thick Film Power
TEH70P2R00JE OHMITE-TEH70P2R00JE Datasheet
98Kb / 1P
   70 Watt TO247 Package Thick Film Power
TAH OHMITE-TAH Datasheet
326Kb / 2P
   20 Watt TO220 Package
TDH35PR100JE OHMITE-TDH35PR100JE Datasheet
160Kb / 1P
   35 Watt DPAK Package Thick Film Power Surface Mount
logo
Vishay Siliconix
LTO30 VISHAY-LTO30 Datasheet
78Kb / 4P
   30 Watt Power Resistor Thick Film Technology
Revision 30-May-06
logo
Ohmite Mfg. Co.
TGHHVR100JE OHMITE-TGHHVR100JE Datasheet
162Kb / 1P
   120 and 200 Watt SOT227Package Thick Film Power
TGH OHMITE-TGH Datasheet
429Kb / 2P
   120 and 200 Watt SOT227Package Thick Film Power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com