Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSU12V1AUK Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # PSU12V1AUK
Description  RS232 RADIO MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PSU12V1AUK Datasheet(HTML) 5 Page - rfsolutions.ltd

  PSU12V1AUK Datasheet HTML 1Page - rfsolutions.ltd PSU12V1AUK Datasheet HTML 2Page - rfsolutions.ltd PSU12V1AUK Datasheet HTML 3Page - rfsolutions.ltd PSU12V1AUK Datasheet HTML 4Page - rfsolutions.ltd PSU12V1AUK Datasheet HTML 5Page - rfsolutions.ltd PSU12V1AUK Datasheet HTML 6Page - rfsolutions.ltd PSU12V1AUK Datasheet HTML 7Page - rfsolutions.ltd PSU12V1AUK Datasheet HTML 8Page - rfsolutions.ltd PSU12V1AUK Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS232-4 June ’04
©2004 Reg. No. 227 4001, ENGLAND
Page 5
RS232 RADIO MODEM
232C-868FR1
2
Software Specifications
2.1
Operating modes
The RF modem is able to operate in four different modes which can be configured by setting register
values using AT commands. Sections 2.2 - 2.4 give a full explanation of how to program the registers,
the operation of the different modes is explained in detail in the following paragraphs.
2.1.1
Transparent Mode
In Transparent Mode, the RF modem behaves like a wired serial link, i.e. the modem does not only
transmit to the radio channel every data received on the serial link, but also transmits on the serial link
the information received on the radio channel.
Basically the RF modem reproduces the half-duplex function of a RS-485 cable.
There is no flow control performed by the modem in the transparent mode, neither on the serial link nor
on the radio link. Flow control must be carried out by software applications via various protocols in use
such as MODBUS, JBUS, etc…
Consequently, in Transparent Mode it is not possible to change the modems parameters without a
temporary return to Hayes mode.
NOTE: The user’s software application must adequately verify that all buffers are transmitted correctly
taking into account that an interrupted transmission link may lead to losing one or several buffers.
2.1.2
Transparent Secured Mode
In order to confirm the correctness of the transmitted data frames, data flow control between the
modems is added to the Transparent Mode, so that each data transfer is “data verified”. This mode shall
be operated for point-to-point communications only.
Transparent Secured Mode or Transparent «Data Verified» Mode’s purpose is to offer an optimal radio
link quality and to provide transparent mode with the necessary security in case flow control would not
be included within the user’s application software.
The risk of data loss is much lower than during the use of application software only because this latter is
dependent on the intermediate times inserted by the serial link.
Moreover, a flow control is performed on the serial link in order to warn the user that the buffer (including
132 characters) is saturating. The warning level is default set to 132 characters and can be programmed
via register S218.
NOTE: The user’s software application must adequately verify that all buffers are transmitted correctly
taking into account that an interrupted transmission link may lead to losing one or several buffers. After
N Time repetition of a buffer (N programmable up to 255 with S223) without a correct acknowledgement
the buffer shall be considered as lost.
2.1.2.1
«Secured» link Algorithm
The transmitting modem proceeds to data framing:
Transferred Data Count up.
Transferred Data Frame Type.
Frame number.
Data to be transmitted.
16 bits Checksum.
The receiving modem analyses this data frame and checks its consistency.
When the data frame is received correctly, the receiver transmits an acknowledgement back to the
transmitter, and delivers the received data framing to its serial link.
In case the reception is not without errors, the receiver requests a new framing transmission to the
transmitter. The number of repetitions depends on the parameter programmed in the modem
configuration (Register S223).
At serial port level, each transmitted data frame is «Data Verified», but no statement asserts to the user
whether the data frame has been transmitted yet or not.


Similar Part No. - PSU12V1AUK

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PSU12V1AUK RFSOLUTIONS-PSU12V1AUK Datasheet
74Kb / 6P
   RS232 LOW COST RF MODEM
More results

Similar Description - PSU12V1AUK

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
M48-169-BIM1H RADIOMETRIX-M48-169-BIM1H Datasheet
476Kb / 11P
   VHF 500mW RS232 radio modem
logo
rfsolutions.ltd
STORM-433F RFSOLUTIONS-STORM-433F Datasheet
77Kb / 6P
   ?쁓TORM??RADIO MODEM RS232 / USB
logo
Radiometrix Ltd
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
   UHF NBFM multi channel RS232 radio modem
logo
Dorji Industrial Group ...
DRF1278DL DORJI-DRF1278DL Datasheet
832Kb / 11P
   LoRa RS232/RS485 Interface Data Radio Modem
logo
Radiometrix Ltd
M48 RADIOMETRIX-M48 Datasheet
427Kb / 12P
   M48 4800 baud RS232 Radio Modem application board
M48-458-SFX2 RADIOMETRIX-M48-458-SFX2 Datasheet
377Kb / 13P
   500mW UHF NBFM multi channel RS232 Radio Modem
logo
PHOENIX CONTACT
2313067 PHOENIX-2313067 Datasheet
86Kb / 6P
   Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com