Electronic Components Datasheet Search |
|
TCFGB0J685K8R Datasheet(PDF) 4 Page - Rohm |
|
TCFGB0J685K8R Datasheet(HTML) 4 Page - Rohm |
4 / 13 page TCFG Series B Case Tantalum capacitors Rev.D 4/12 Temperature Stability − Shall be satisfied the voltage on "Standard list" 5 μA or 0.1CV whichever is greater TCFGB0G227 : 5 μA or 0.2CV whichever is greater 6.3 μA or 0.125CV whichever is greater TCFGB1E475 : 0.2CV TCFGB0G227 : 0.25CV +125°C Apply the specified surge voltage every 5 ±0.5min. for 30 ±5 s. each time in the atmospheric condition of 85 ±2°C. Repeat this procedure 1,000 times. After the specimens, leave it at room temperature for over 24h and then measure the sample. Surge Voltage There should be no significant abnormality. TCFGB1E475 : Less than 150% of initial limit TCFGB0G227 : Less than 150% of initial limit Others : Less than initial limit Within 0/ −12%of initial value TCFGB0G227 : Within 0/ −15%of initial value −55°C +85°C Shall be satisfied the voltage on "Standard list" Within +10/0%of initial value TCFGB0G227 : Within +12/0%of initial value Within +15/0%of initial value TCFGB0G227 : Less than ±15% TCFGB0E227 : Less than ±12% Others : Less than initial value Shall be satisfied the voltage on "Standard list" Loading at High temperature There should be no significant abnormality. The indications should be clear. After applying the rated voltage for 2000+72/0h without discontinuation via the serial resistance of 3 Ω or less at a temperature of 85±2°C, leave the sample at room temperature/humidity for 1 to 2h and measure the value. After the specimens, leave it at room temperature for over 24h and then measure the sample. TCFGB0G227 : Within ±15% Others : Within ±10% TCFGB0G227 : Less than 150% of initial limit TCFGB1E475 : Less than 150% of initial limit TCFGB0E227 : Less than 125% of initial limit Others : Less than initial limit Terminal Strength The measured value should be stable. A force is applied to the terminal until it bends to 1mm and by a prescribed tool maintain the condition for 5s. (See the figure below.) Temp. ΔC / C L.C Temp. ΔC / C tan δ L.C ΔC / C L.C Temp. Appearance ΔC / C tan δ L.C tan δ tan δ Appearance ΔC / C L.C tan δ Capacitance Appearance There should be no significant abnormality. 1 F (Apply force) (Unit : mm) 20 50 R230 45 45 Thickness 1.6mm Adhesiveness The terminal should not come off. Apply force of 5N in the two directions shown in the figure below for 10 ±1s after mounting the terminal on a circuit board. Apply force a circuit board product As per 4.29 JIS C 5101-1 As per 4.13 JIS C 5101-3 As per 4.26 JIS C 5101-1 As per 4.14 JIS C 5101-3 As per 4.23 JIS C 5101-1 As per 4.15 JIS C 5101-3 As per 4.35 JIS C 5101-1 As per 4.9 JIS C 5101-3 As per 4.34 JIS C 5101-1 As per 4.8 JIS C 5101-3 Item Performance Test conditions (based on JIS C5101-1 and JIS C5101-3) 3.3 to 33 μF : Less than initial limit 47 to 220 μF : Less than 150% of initial limit TCFGB0G227 : Less than 200% of initial limit 3.3 to 33 μF : Less than initial limit 47 to 220 μF : Less than 150% of initial limit TCFGB0G227 : Less than 200% of initial limit TCFGB1C336 : Less than 150% of initial limit |
Similar Part No. - TCFGB0J685K8R |
|
Similar Description - TCFGB0J685K8R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |