Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11580MMG Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11580MMG
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11580MMG Datasheet(HTML) 1 Page - TOKO, Inc

  TK11580MMG Datasheet HTML 1Page - TOKO, Inc TK11580MMG Datasheet HTML 2Page - TOKO, Inc TK11580MMG Datasheet HTML 3Page - TOKO, Inc TK11580MMG Datasheet HTML 4Page - TOKO, Inc TK11580MMG Datasheet HTML 5Page - TOKO, Inc TK11580MMG Datasheet HTML 6Page - TOKO, Inc TK11580MMG Datasheet HTML 7Page - TOKO, Inc TK11580MMG Datasheet HTML 8Page - TOKO, Inc TK11580MMG Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
February, 1995 TOKO, Inc.
TK115xx
Page 1
10-15-94
APPLICATIONS
s Cordless Telephones
s Pagers
s Battery Powered Systems
s Personal Communications Equipment
s Portable Instrumentation
s Radio Control Systems
s Toys
s Low Voltage Systems
s Portable Consumer Equipment
FEATURES
s Low Dropout Voltage
s Pass Transistor Terminals Available
s Very Low Standby Current ( ON, No Load)
s Very Low (<200 nA) Current in OFF Mode
s Low Output Noise
s Internal Thermal Shutdown
s Short Circuit Protection
s Available on Tape and Reel
DESCRIPTION
The TK115xx series devices are low power, linear regu-
lators with electronic ON/OFF switches. Both active HIGH
and active LOW control pins are provided.
An internal PNP pass-transistor is used in order to achieve
low dropout voltage (typically 200 mV at 80 mA load
current). A base drive is available at pin 7 for connection
of an external pass transistor should higher current (up to
1 A) or lower dropout voltage is required.
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115
M
Voltage Code
Tape/Reel Code
TAPE/REEL CODE
BX : Bulk/Bag
TL : Tape Left
MG: Magazine
ORDERING INFORMATION
VOLTAGE CODE
30 = 3.0 V
45 = 4.5 V
32 = 3.25 V
47 = 4.75 V
35 = 3.5 V
50 = 5.0 V
37 = 3.75 V
55 = 5.5 V
40 = 4.0 V
80 = 8.0 V
S
S
S
S
S
S
S
S
S
S
VO
VIN
LOW
CONTROL
(LC)
GND
KT115xx • BD01
TK115xx
REFERENCE
VOLTAGE
+
VADJ
BASE
HIGH
CONTROL
(HC)
+
S
S
S
S
THERMAL
PROTECTION
S
S
2
1
3
6
5
7
8
BLOCK DIAGRAM
TK115xxM
An internal thermal shutdown circuit limits the junction
temperature to below 150
°C. The load current is internally
monitored, and the device will shut down in the presence of
a short circuit at the output.
The TK115xx series is available in plastic surface mount
SOP-8 packages.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 16 V
Load Current ....................................................... 180 mA
Power Dissipation (Note 1) ................................ 600 mW
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range .................. -30 to +80
°C
Lead Soldering Temp. (10 sec.) ........................... 260
°C
Junction Temperature .......................................... 150
°C
Note 1: Derate output power by 4.8 mW/
°C for operation
above 25
°C.
5XX
A21
1
2
3
4
HIGH CONTROL
LOW CONTROL
NC
GND
8
7
6
5
BASE
VADJ
KT115xxM • PO
V
O
V
IN


Similar Part No. - TK11580MMG

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11580MMG

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com