Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

140B200XMS-0000 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 140B200XMS-0000
Description  Octagonal Junction Box
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

140B200XMS-0000 Datasheet(HTML) 1 Page - Glenair, Inc.

  140B200XMS-0000 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-34
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
Number of Caps
(Omit for None)
140
B 200 XO - 4
Basic Part
Number
Product Series
140 - Composite Boxes
Material Symbol
(See Table I)
Finish Symbol
(See Table II)
Series 140-200
Octagonal Junction Box
Captive Screw
8 Places
3.13 (79.5)
4 Places
1.25
(31.8)
Ø .75
(19.1)
8 Places
1.562
(39.7)
R .687
(17.4)
1.562 (39.7)
Bushing
(3 Places, 120° Apart)
Ø .201 (5.1) Mounting Holes,
3 Places (Acoomodates #10 Bolt)
Cap
Quantity Per
Part Number Development
TABLE II: FINISHES
Symbol
Finish Description
XO
No Plating (Non-Conductive Finish)
XMS
Internal Surfaces - Electroless Nickel
External Surfaces - See Table II
XM
All Surfaces – Electroless Nickel
XW
All Surfaces – Cadmium Olive Drab over Electroless Nickel
XZN
All Surfaces – Zinc Nickel/Black
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
NOTES
Box series numbers are for reference only.
1.
Please complete the worksheet on E-14 and
call the factory for part number assignment
for your specific box configuration.
Metric dimensions (mm) are in parentheses
2.
and are for reference only.
TABLE I: MATERIAL COLOR & FINISH OPTIONS
Sym Material & Color
Finish Options
B
Thermoplastic / Black
XO and XMS
G
Thermoplastic / Grey
XO and XMS
Thermoplastic / NA
XM, XW and XZN


Similar Part No. - 140B200XMS-0000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140B20103XXXX VISHAY-140B20103XXXX Datasheet
100Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
01-Jan-2022
140B20222XXXX VISHAY-140B20222XXXX Datasheet
100Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
01-Jan-2022
logo
Glenair, Inc.
140B203XM GLENAIR-140B203XM Datasheet
358Kb / 1P
   12 Port Rectangular Junction Box
140B203XM4 GLENAIR-140B203XM4 Datasheet
358Kb / 1P
   12 Port Rectangular Junction Box
140B203XMS GLENAIR-140B203XMS Datasheet
358Kb / 1P
   12 Port Rectangular Junction Box
More results

Similar Description - 140B200XMS-0000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91616-0001 MOLEX-91616-0001 Datasheet
96Kb / 2P
   MOST Junction Box
logo
Glenair, Inc.
140-103 GLENAIR-140-103 Datasheet
342Kb / 2P
   Large Junction Box
140G100XO-0000 GLENAIR-140G100XO-0000 Datasheet
330Kb / 2P
   Mini Junction Box
140G107XO-0000 GLENAIR-140G107XO-0000 Datasheet
353Kb / 2P
   Jumbo Junction Box
140G102XO-0000 GLENAIR-140G102XO-0000 Datasheet
348Kb / 2P
   Medium Junction Box
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
   Small Junction Box
140G103XO-0000 GLENAIR-140G103XO-0000 Datasheet
342Kb / 2P
   Large Junction Box
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
   Composite Junction Box Adapter
logo
Amphenol Wilcoxon Sensi...
CB WILCOXON-CB Datasheet
351Kb / 1P
   Cable termination junction box
Rev.E.1 09/18
logo
Glenair, Inc.
140-074-XM-0000 GLENAIR-140-074-XM-0000 Datasheet
306Kb / 2P
   Ultra-Miniature Junction Box
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com