Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGB1D226K8R Datasheet(PDF) 8 Page - Rohm

Part # TCFGB1D226K8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB1D226K8R Datasheet(HTML) 8 Page - Rohm

Back Button TCFGB1D226K8R Datasheet HTML 4Page - Rohm TCFGB1D226K8R Datasheet HTML 5Page - Rohm TCFGB1D226K8R Datasheet HTML 6Page - Rohm TCFGB1D226K8R Datasheet HTML 7Page - Rohm TCFGB1D226K8R Datasheet HTML 8Page - Rohm TCFGB1D226K8R Datasheet HTML 9Page - Rohm TCFGB1D226K8R Datasheet HTML 10Page - Rohm TCFGB1D226K8R Datasheet HTML 11Page - Rohm TCFGB1D226K8R Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TCFG Series B Case
Tantalum capacitors
Rev.D
8/12
Recommended condition of reflow soldering
(1)Leakage current-to-voltage ratio
0.01
0.1
1
0
20406080
100
% OF RATED VOLTAGE (
VR)
Fig.1
(2) Derating voltage as function of temperature
50
60
70
80
90
100
75
85
95
105
115
125
Fig.2
TEMPERATURE ( C)
85
°C
125
°C
Rated Voltage
2.5
4
6.3
10
16
3.2
5.0
8
13
20
1.6
2.5
4
6.3
10
2.0
3.2
5
8
13
20
25
26
32
13
16
16
20
Surge Voltage
Category Voltage
Surge Voltage
(V.DC)
(V.DC)
(V.DC)
(V.DC)
(3) Reliability
The malfunction rate of tantalum solid state electrolytic capacitors varies considerably depending on the conditions of
usage (ambient temperature, applied voltage, circuit resistance).
Formula for calculating malfunction rate
p = b ( E
SR
Q
CV
)
p
: Malfunction rate stemming from operation
b
: Basic malfunction rate
E
: Environmental factors
SR
: Series resistance
Q
: Level of malfunction rate
CV
: Capacitance
For details on how to calculate the malfunction rate stemming from operation, see the tantalum solid state electrolytic
capacitors column in MIL-HDBK-217.


Similar Part No. - TCFGB1D226K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB1D106K8R ROHM-TCFGB1D106K8R Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFGB1D106K8R ROHM-TCFGB1D106K8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGB1D106M8R ROHM-TCFGB1D106M8R Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFGB1D106M8R ROHM-TCFGB1D106M8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGB1D106M8R ROHM-TCFGB1D106M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB1D226K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com