Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGB0E336K8R Datasheet(PDF) 6 Page - Rohm

Part # TCFGB0E336K8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB0E336K8R Datasheet(HTML) 6 Page - Rohm

Back Button TCFGB0E336K8R Datasheet HTML 2Page - Rohm TCFGB0E336K8R Datasheet HTML 3Page - Rohm TCFGB0E336K8R Datasheet HTML 4Page - Rohm TCFGB0E336K8R Datasheet HTML 5Page - Rohm TCFGB0E336K8R Datasheet HTML 6Page - Rohm TCFGB0E336K8R Datasheet HTML 7Page - Rohm TCFGB0E336K8R Datasheet HTML 8Page - Rohm TCFGB0E336K8R Datasheet HTML 9Page - Rohm TCFGB0E336K8R Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TCFG Series B Case
Tantalum capacitors
Rev.D
6/12
Standard list, TCFG series B Cases
Part No.
Rated
Voltage
@85
°C
(V)
Derated
Voltage
@125
°C
(V)
Surge
Voltage
@85
°C
(V)
Capacitance
120Hz
(
μF)
Impedance
100kHz
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
DF 120Hz
(%)
Case
code
(B : 3528)
−55
°C 25°C
85
°C
125
°C
(
Ω)
42.5
5
100
4.0
10
0.6
14
42.5
5
15
0.9
22
1.4
30
4
2.5
5
47
1.9
68
2.7
14
TCFG B 0G 156
TCFG B 0G 226
TCFG B 0G 336
TCFG B 0G 476
TCFG B 0G 686
TCFG B 0G 107
TCFG B 0J 106
TCFG B 0J 156
TCFG B 0J 226
TCFG B 0J 336
TCFG B 0J 476
TCFG B 0J 686
4
4
2.5
5
22
2.5
5
15
0.9
0.6
12
12
B
B
B
B
B
B
B
B
B
B
B
B
42.5
5
3.0
3.0
2.5
1.9
2.0
1.6
3.0
3.0
2.5
1.9
2.0
1.6
33
1.3
12
6.3
4
8
33
2.1
12
6.3
4
8
47
3.0
68
4.3
12
6.3
4
8
12
6.3
4
8
12
6.3
4
8
14
6.3
4
8
30
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
±20,10
10
12
10
8
8
8
8
8
8
8
10
12
12
16
150
6.3
42.5
5
34
TCFG B 0G 157
B
1.3
±20,10
18
22
220
8.8
42.5
5
40
TCFG B 0G 227
B
1.3
±20,10
20
30
12
10
10
TCFG B 0E 227
2.5
1.6
3.2
220
5.5
34
B
1.5
±20,10
18
22
10
10
10
10
10
12
16
TCFG B 0J 107
B
1.5
100
6.3
6.3
4
8
30
±20,10
12
16
TCFG B 1A 475
B
3.0
4.7
0.5
10
6.3
13
10
±20,10
68
TCFG B 1A 685
B
3.0
6.8
0.7
10
6.3
13
12
±20,10
810
TCFG B 1A 106
B
3.0
10
1.0
10
6.3
13
12
±20,10
810
TCFG B 1A 156
B
2.5
15
1.5
10
6.3
13
12
±20,10
810
TCFG B 1A 226
B
2.0
22
2.2
10
6.3
13
12
±20,10
810
TCFG B 1A 336
B
1.9
33
3.3
10
6.3
13
14
±20,10
10
12
TCFG B 1A 476
B
1.6
47
4.7
10
6.3
13
14
±20,10
10
12
TCFG B 1C 335
B
4.2
3.3
0.5
16
10
20
10
±20,10
68
TCFG B 1C 475
B
3.0
4.7
0.8
16
10
20
10
±20,10
68
TCFG B 1C 685
B
3.0
6.8
1.1
16
10
20
10
±20,10
68
TCFG B 1C 106
B
2.5
10
1.6
16
10
20
10
±20,10
68
TCFG B 1C 156
B
2.0
15
2.4
16
10
20
10
±20,10
68
TCFG B 1C 226
B
1.9
22
3.5
16
10
20
10
±20,10
68
TCFG B 1D 335
B
4.2
3.3
0.66
20
13
26
10
±20,10
68
TCFG B 1E 335
B
4.2
3.3
0.83
25
16
32
10
±20,10
68
=Tolerance (M :
±20%, K : ±10%)
TCFG B 1E 475
B
3.0
4.7
1.2
25
16
32
10
±20,10
68
TCFG B 0J 157
B
1.5
150
9.5
6.3
4
8
34
±20,10
18
22
TCFG B 0J 227
B
1.3
220
70
6.3
4
8
60
±20,10
30
45


Similar Part No. - TCFGB0E336K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB0E227M8R ROHM-TCFGB0E227M8R Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGB0E227M8R ROHM-TCFGB0E227M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB0E336K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com