Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITHG06R36SY Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITHG06R36SY
Description  Sraight Plug with Accessory Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITHG06R36SY Datasheet(HTML) 2 Page - Glenair, Inc.

  ITHG06R36SY Datasheet HTML 1Page - Glenair, Inc. ITHG06R36SY Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
23
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
TABLE I: DIMENSIONS
ITH 06 A and ITH 06 R
Sraight Plug with Accessory Backshell
and a Selection of Cable Clamps
D1
L1
Shell size
F thread
18
36.2
1.0000 - 20UNEF
89.0
20
39.8
1.1875 - 18UNEF
89.0
22
43.0
1.1875 - 18UNEF
89.0
24
46.4
1.4375 - 18UNEF
89.0
28
53.0
1.4375 - 18UNEF
93.0
32
60.0
1.7500 - 18UNS
93.0
36
66.2
2.0000 - 18UNS
105.0
40
72.3
2.2500 - 16UN
105.0
±0.2
Max.
TABLE II: MODIFICATION CODES
ACCESSORY OPTIONS
N0
Connector less backshell
N1
Connector with IT 3057 A cable clamp
N5
Connector with IT 3057 C cable clamp
N12 Connector with IT 3057 A cable clamp
and IT 3420 neoprene sleeve
Omit for standard version
CONTACT OPTIONS
Sym Description
B0
Connector less contacts
Omit for standard version (Gold Plated
Copper Alloy Contacts Supplied)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F8
Olive Drab Zn-Co Plating
Omit for standard version
(Cad free / black passivation Finish)


Similar Part No. - ITHG06R36SY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITH030A18PW GLENAIR-ITH030A18PW Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PX GLENAIR-ITH030A18PX Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PY GLENAIR-ITH030A18PY Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITH030A18PZ GLENAIR-ITH030A18PZ Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITH030A18SW GLENAIR-ITH030A18SW Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
More results

Similar Description - ITHG06R36SY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITGG08A18PW GLENAIR-ITGG08A18PW Datasheet
612Kb / 2P
   90째 Plug Connector with Accessory Backshell
ITH030A18PW GLENAIR-ITH030A18PW Datasheet
615Kb / 2P
   Rear Box Mount Receptacle with Accessory Backshell
ITS3101AFK GLENAIR-ITS3101AFK Datasheet
1Mb / 2P
   In-Line Cylindrical Receptacle with Accessory Backshell
ITS-3101-A GLENAIR-ITS-3101-A Datasheet
244Kb / 2P
   In-Line Cylindrical Receptacle with Accessory Backshell
620-053M16 GLENAIR-620-053M16 Datasheet
142Kb / 2P
   Backshell Accessory Thread Strain Reliefs
620-003 GLENAIR-620-003 Datasheet
27Kb / 1P
   Backshell Accessory - Straight Strain Relief
620-004 GLENAIR-620-004 Datasheet
26Kb / 1P
   Backshell Accessory - 90째 Strain Relief
ITSG3108GRFK GLENAIR-ITSG3108GRFK Datasheet
712Kb / 2P
   Cylindrical Plug Assembly with Backshell
ITSG3108FFK GLENAIR-ITSG3108FFK Datasheet
898Kb / 2P
   Cylindrical Plug Assembly with Backshell
ITSG3108SPFK GLENAIR-ITSG3108SPFK Datasheet
717Kb / 2P
   Cylindrical Plug Assembly with Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com