Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15411MTL Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK15411MTL
Description  75 OHM VIDEO LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15411MTL Datasheet(HTML) 5 Page - TOKO, Inc

  TK15411MTL Datasheet HTML 1Page - TOKO, Inc TK15411MTL Datasheet HTML 2Page - TOKO, Inc TK15411MTL Datasheet HTML 3Page - TOKO, Inc TK15411MTL Datasheet HTML 4Page - TOKO, Inc TK15411MTL Datasheet HTML 5Page - TOKO, Inc TK15411MTL Datasheet HTML 6Page - TOKO, Inc TK15411MTL Datasheet HTML 7Page - TOKO, Inc TK15411MTL Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 2000 TOKO, Inc.
Page 5
TK15411
TYPICAL PERFORMANCE CHARACTERISTICS
14
16
SUPPLY CURRENT VS.
TEMPERATURE
TA (°C)
12
-50
0
50
100
15
17
VCC = 5.0 V,
No Input
13
14
16
SUPPLY CURRENT VS.
SUPPLY VOLTAGE
VCC (V)
12
4.0
4.5
5.0
5.5
6.0
15
17
TA = 25 °C,
No Input
13
20
40
STANDBY SUPPLY CURRENT VS.
TEMPERATURE
TA (°C)
0
-50
0
50
100
30
50
VCC = 5.0 V,
No Input
10
20
40
STANDBY SUPPLY CURRENT VS.
SUPPLY VOLTAGE
VCC (V)
0
4.0
4.5
5.0
5.5
6.0
30
50
TA = 25 °C,
No Input
10
6.0
7.0
VOLTAGE GAIN VS.
TEMPERATURE
TA (°C)
4.0
-50
0
50
100
8.0
VCC = 5.0 V,
fIN = 1 MHz,
VIN = 1 VP-P
5.0
6.0
7.0
VOLTAGE GAIN VS.
SUPPLY VOLTAGE
VCC (V)
4.0
4.0
4.5
5.0
5.5
6.0
8.0
TA = 25 °C,
fIN = 1 MHz,
VIN = 1 VP-P
5.0
-0.5
0.0
FREQUENCY RESPONSE VS.
TEMPERATURE
TA (°C)
-1.5
-50
0
50
100
0.5
fIN = 1/5 MHz,
VIN = 1 VP-P
-1.0
-0.5
0.0
FREQUENCY RESPONSE VS.
SUPPLY VOLTAGE
VCC (V)
-1.5
4.0
4.5
5.0
5.5
6.0
0.5
fIN = 1/5 MHz,
VIN = 1 VP-P
-1.0
1.3
1.4
CLAMP VOLTAGE VS.
TEMPERATURE
TA (°C)
1.1
-50
0
50
100
1.5
VCC = 5 V,
Pin 1 Voltage
1.2


Similar Part No. - TK15411MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410M TOKO-TK15410M Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410MTL TOKO-TK15410MTL Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410MTL/410 TOKO-TK15410MTL/410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results

Similar Description - TK15411MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15404 TOKO-TK15404 Datasheet
55Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com