Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127-130-06BTS Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 127-130-06BTS
Description  Reinforced Helical Convoluted Tubing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

127-130-06BTS Datasheet(HTML) 1 Page - Glenair, Inc.

  127-130-06BTS Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
E-Mail: sales@glenair.com
www.glenair.com
NO-HAL
TUBING
EXTERNAL
SHIELD,
JACKET
AND
REINFORCEMENT
WIRE
1. Packages and Spools identified with
manufacturer's name and part number.
2. Unless otherwise specified, conduit
will be shipped per standard package.
Min. length supplied will be 10 ft. with
a max of 4 lengths per package.
3. Material/Finish:
Convoluted Tubing - PEEK,
Halogen Free, Black
Braided Shield - See Part Number
Development.
Jacket - Silicone, Halogen Free, Grey
.080 Wall Thickness.
Reinforcement Wire - 302 Cres I.A.W.
ASTM A 313/N.A.
127-130
Series 74 Reinforced Helical Convoluted Tubing
No-Hal (PEEK)
with Shielding and Jacketing
Product Series
Basic No.
Dash No. (Table I)
Color
B = Black
127-130-16 B T S
S = Stainless Reinforcement Wire
(Omit for None)
Braided Shield
S = SnCuFe
N = Nickel/Copper
T = Tin/Copper
B = Bronze
LENGTH
(AS SPECIFIED IN FEET)
SHIELD
TUBING
JACKET
B DIA
A DIA
REINFORCEMENT
WIRE
MINIMUM
BEND RADIUS
TABLE I: DASH NUMBER
MINIMUM
BEND RADIUS
.50 (12.7)
.75 (19.1)
.75 (19.1)
.88 (22.4)
1.00 (25.4)
1.25 (31.8)
1.50 (38.1)
1.75 (44.5)
1.88 (47.8)
2.25 (57.2)
2.75 (69.9)
3.25 (82.6)
3.63 (92.2)
4.25 (108.0)
DASH FRACTIONAL
A INSIDE
B DIA
NO.
SIZE REF
DIA MIN
MAX
06
3/16
.181
(4.6)
.490 (12.4)
09
9/32
.273
(6.9)
.584 (14.8)
10
5/16
.306
(7.8)
.620 (15.7)
12
3/8
.359
(9.1)
.680 (17.3)
14
7/16
.427 (10.8)
.741 (18.8)
16
1/2
.480 (12.2)
.820 (20.8)
20
5/8
.603 (15.3)
.940 (23.9)
24
3/4
.725 (18.4)
1.100 (27.9)
28
7/8
.860 (21.8)
1.243 (31.6)
32
1
.970 (24.6)
1.396 (35.5)
40
1 1/4
1.205 (30.6)
1.709 (43.4)
48
1 1/2
1.437 (36.5)
2.002 (50.9)
56
1 3/4
1.688 (42.9)
2.327 (59.1)
64
2
1.937 (49.2)
2.502 (63.6)
Metric dimensions (mm) are in parentheses.


Similar Part No. - 127-130-06BTS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
Heyco.
127-3 HEYCO-127-3 Datasheet
318Kb / 2P
   Heavy Duty Male Blades for Range and Dryer
logo
Winchester Electronics ...
127-36-1 WINCHESTER-127-36-1 Datasheet
69Kb / 1P
   RECEPTACLE PANEL TNC
127-36-2 WINCHESTER-127-36-2 Datasheet
69Kb / 1P
   RECEPTACLE PANEL TNC
127-36-3 WINCHESTER-127-36-3 Datasheet
69Kb / 1P
   RECEPTACLE PANEL TNC
More results

Similar Description - 127-130-06BTS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
121-103 GLENAIR-121-103_09 Datasheet
340Kb / 1P
   Helical Convoluted Tubing
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE_09 Datasheet
337Kb / 1P
   Helical Convoluted Tubing
120_100 GLENAIR-120_100 Datasheet
275Kb / 1P
   Helical Polymer-Core Convoluted Tubing
120_103 GLENAIR-120_103 Datasheet
275Kb / 1P
   Series 74 Helical Convoluted Tubing
120-144 GLENAIR-120-144 Datasheet
230Kb / 1P
   Annular Convoluted Tubing
189MS052NF1212K GLENAIR-189MS052NF1212K Datasheet
211Kb / 2P
   Convoluted Tubing Backshell
189M052 GLENAIR-189M052 Datasheet
184Kb / 1P
   Convoluted Tubing Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com