Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA1A476K8R Datasheet(PDF) 2 Page - Rohm

Part # TCA1A476K8R
Description  Chip tantalum capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCA1A476K8R Datasheet(HTML) 2 Page - Rohm

  TCA1A476K8R Datasheet HTML 1Page - Rohm TCA1A476K8R Datasheet HTML 2Page - Rohm TCA1A476K8R Datasheet HTML 3Page - Rohm TCA1A476K8R Datasheet HTML 4Page - Rohm TCA1A476K8R Datasheet HTML 5Page - Rohm TCA1A476K8R Datasheet HTML 6Page - Rohm TCA1A476K8R Datasheet HTML 7Page - Rohm TCA1A476K8R Datasheet HTML 8Page - Rohm TCA1A476K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC Series A Case
Tantalum capacitors
Rev.D
2/11
Rated table
(
μF)
Rated voltage (V)
4
0G
1 (105)
A
1.5 (155)
A
2.2 (225)
A
3.3 (335)
A
A
A
A
A
A
A
A
A
4.7 (475)
A
6.8 (685)
A
A
A
A
A
10 (106)
A
A
A
A
A
A
A
A
A
AA
A
A
15 (156)
A
22 (226)
A
A
A
A
33 (336)
47 (476)
68 (686)
100 (107)
150 (157)
A
A
A
A
6.3
0J
10
1A
16
1C
20
1D
25
1E
Remark) Case size codes (A) in the above show products line-up.
Under development
A
A
A
A
A
A
indicates new product
Marking
j a
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of A case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
g
j
A
C
D
E
4
6.3
10
16
20
25
Capacitance
Code
Nominal
Capacitance (
μF)
A
E
J
N
S
W
a
e
j
n
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
s47
w68
100
[A case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
(1)
j
(2)
a
a


Similar Part No. - TCA1A476K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCA1A475K ROHM-TCA1A475K Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCA1A475M ROHM-TCA1A475M Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCA1A475M8R ROHM-TCA1A475M8R Datasheet
933Kb / 8P
   Chip tantalum capacitors
More results

Similar Description - TCA1A476K8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com