Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCOA0E156M8R Datasheet(PDF) 2 Page - Rohm

Part # TCOA0E156M8R
Description  Chip tantalum capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCOA0E156M8R Datasheet(HTML) 2 Page - Rohm

  TCOA0E156M8R Datasheet HTML 1Page - Rohm TCOA0E156M8R Datasheet HTML 2Page - Rohm TCOA0E156M8R Datasheet HTML 3Page - Rohm TCOA0E156M8R Datasheet HTML 4Page - Rohm TCOA0E156M8R Datasheet HTML 5Page - Rohm TCOA0E156M8R Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TCO Series A Case
Data Sheet
2/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.01 - Rev.E
Marking
Voltage code
j a
j a
Capacitance code
Acase
(3216)
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of A case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
e
g
j
A
2.5
4
6.3
10
Capacitance
Code
Nominal
Capacitance (
µF)
A
E
J
N
S
W
a
e
j
n
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
s47
Characteristics
5
3.2
2
6.3
4
2.5
8
8
10
13
5.2
3.2
ESR
∆C / C
tan
δ
L.C.
at 85 C
at 105 C
at 85 C
+85 C
−55 C to +105 C
Item
Performance
Test conditions
(based on JIS C 5101
−1 and JIS C 5101−3)
Operating Temperature
Maximum operating
temperature with no voltage
derating
Voltage reduction when temperature exceeds
+85 C
Rated voltage
(VDC)
Category voltage
(VDC)
Surge voltage
(VDC)
DC Leakage current
Capacitance tolerance
3
µA or 0.1CV whichever is greater
Shown in " Standard list "
Rated voltage for 5min
Shall be satisfied allowance range.
+−20%
+1.5 to 2V.DC
Measuring frequency : 120 12Hz
Measuring voltage
: 0.5Vrms
+−
Measuring circuit
: DC Equivalent series circuit
Tangent of loss angle
(Df, tan
δ)
Shall be satisfied the voltage on " Standard list "
+1.5 to 2V.DC
Measuring frequency : 120 12Hz
Measuring voltage
: 0.5Vrms
+−
Measuring circuit
: DC Equivalent series circuit
Shall be satisfied the voltage on " Standard list " Measuring frequency : 100 10kHz
Measuring voltage
: 0.5Vrms or less
+−
Resistance to
Soldering heat
Appearance There should be nonsignificant abnormality.
The indications should be clear.
Dip in the solder bath
Solder temp
: 240 5 C
Duration
: 10 0.5s
Repetition
: 1
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
Less than 300% of initial limit
Within 20% of initial value
+−
Less than 300% of initial limit
+−
+−


Similar Part No. - TCOA0E156M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCOA0E156M ROHM-TCOA0E156M Datasheet
106Kb / 10P
   Chip tantalum capacitors
More results

Similar Description - TCOA0E156M8R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com