Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-063-21-5NF Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 180-063-21-5NF
Description  4 Channel Micro-D Fiber Optic Receptacle Connector for Glenair Front Release Pin Terminus 181-012
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-063-21-5NF Datasheet(HTML) 1 Page - Glenair, Inc.

  180-063-21-5NF Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H-6
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-063
4 Channel Micro-D Fiber Optic Receptacle Connector
for Glenair Front Release Pin Terminus 181-012
Product Series
Basic Number
Shell Size
(Table I)
180-063-31-5 C
Finish (Table II)
Number of Pin Termini
(Table I)
TABLE II: FINISH
SYM
MATERIAL
FINISH
C
Aluminum
Black Anodize
M
Aluminum
Electroless Nickel
(Coupling Nut Electrodeposited)
NF
Aluminum
Cadmium, Olive Drab over
Electroless Nickel
ZN
Aluminum
Zinc-Nickel, Olive Drab over
Electroless Nickel
Z1
Stainless Steel Passivate
TABLE I: SHELL SIZE
Shell
Size
A
+.010 (0.3)
B
+.003 (0.1)
C
+.010 (0.3)
D
+.010 (0.3)
Max
F.O. Pin
9
.775 (19.7)
.565 (14.4)
.298 (7.6)
.380 (9.7)
1
15
.925 (23.5)
.715 (18.2)
.298 (7.6)
.530 (13.5)
2
21
1.075 (27.3)
.865 (22.0)
.298 (7.6)
.680 (17.3)
3
25
1.175 (29.8)
.965 (24.5)
.298 (7.6)
.780 (19.8)
4
31
1.325 (33.7) 1.115 (28.3)
.298 (7.6)
.930 (23.6)
5
100
2.160 (54.9) 1.800 (45.7)
.384 (9.8) 1.425 (36.2)
8
Alignment
Pins
D
B
A
1.00 (25.4)
.233 (5.9)
C
APPLICATION NOTES
1. Assembly packaged in plastic bag and tag identified with
manufacturer's name and part number.
2. Material/Finish:
Shell: Aluminum Alloy (See Table II).
3. Fiber Optic Terminus to be ordered separately. See Glenair
drawing 181-012-XXX.
4. Backshell to be ordered separately (Consult factory).
5. This Receptacle is designed to be used with
Glenair P/N 180-064 Plug (See Page H-7).
6. Metric dimensions (mm) are in parentheses.


Similar Part No. - 180-063-21-5NF

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-060XM06-11-2PN GLENAIR-180-060XM06-11-2PN Datasheet
194Kb / 2P
   Close-Tolerance Connectors
logo
NorComp
180-062-173L NORCOMP-180-062-173L Datasheet
140Kb / 1P
   NTS
07/19/2005
180-062-202L001 NORCOMP-180-062-202L001 Datasheet
124Kb / 2P
   DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
180-062-202L002 NORCOMP-180-062-202L002 Datasheet
124Kb / 2P
   DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
180-062-202L011 NORCOMP-180-062-202L011 Datasheet
124Kb / 2P
   DESCRIPTION: HIGH DENSITY FEMALE - SOLDER CUP
08/12/1998
More results

Similar Description - 180-063-21-5NF

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
181-039-15 GLENAIR-181-039-15 Datasheet
251Kb / 1P
   Fiber Optic Pin Terminus
181-012-125 GLENAIR-181-012-125 Datasheet
232Kb / 2P
   Fiber Optic Pin Terminus
181-012 GLENAIR-181-012 Datasheet
217Kb / 2P
   Glenair Front Release
181-011 GLENAIR-181-011 Datasheet
220Kb / 2P
   Glenair Front Release
181-002 GLENAIR-181-002 Datasheet
237Kb / 1P
   Type Fiber Optic Pin Terminus
180-053 GLENAIR-180-053 Datasheet
260Kb / 1P
   2 Channel Fiber Optic Plug Connector for MIL-PRF-29504/4 Pin Terminus
181-002-125 GLENAIR-181-002-125 Datasheet
200Kb / 2P
   Size 16 Fiber Optic Pin Terminus
181-057 GLENAIR-181-057 Datasheet
208Kb / 1P
   Size 16 Fiber Optic Pin Terminus
180_063 GLENAIR-180_063 Datasheet
244Kb / 2P
   Micro-D Fiber Optic Receptacle Connector
181-048-16 GLENAIR-181-048-16 Datasheet
218Kb / 1P
   Size 16 Fiber Optic Dummy Pin Terminus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com