Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-091XMS7-13-8PA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 180-091XMS7-13-8PA
Description  Advanced Fiber Optic Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-091XMS7-13-8PA Datasheet(HTML) 1 Page - Glenair, Inc.

  180-091XMS7-13-8PA Datasheet HTML 1Page - Glenair, Inc. 180-091XMS7-13-8PA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-20
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-091 (S7 - Square Flange Wall Mount)
Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style with Slotted Holes
S7 - WALL MOUNT RECEPTACLE
WITH SQUARE FLANGE AND SLOTTED HOLES
Product Series
Basic Number
Finish Symbol
(Table II)
Wall Mount Receptacle
with Slotted Holes
180-091 XW S7-17-8 P N
Alternate Key Position per MIL-DTL-38999
A, B, C, D, or E (N = Normal)
Insert Designator
P = Pin
S = Socket
Insert Arrangement (See page B-10)
Shell Size (Table I)
Yellow Color band
Master
Keyway
See Note 2
J Thread
1.240 (31.5)
Max
A Thread
H
G
B SQ
2X C BSC
2X D BSC
4X F
4X E
Blue Color Band
Fully Mated Red
Indicator Band
.520 (13.2) Max
M
.005 (0.1)
APPLICATION NOTES
1. Material/ Finishes:
Shell - See Table II
Insulators- High Grade Rigid Dielectric/ N.A
Seals- Fluorosilicone/ N.A.
2. Assembly to be identified with Glenair’s name, part number
and date code space permitting.
3. Insert arrangement in accordance with MIL-STD-1560,
See Page B-10.
4. Insert arrangement shown is for reference only.
5. Blue Color Band indicates rear release retention system.
6. For appropriate Glenair Terminus part numbers see Glenair
Drawing 181-001 and 181-002.
7. Front Panel Mount Only.
8. Metric dimensions (mm) are in parentheses.
See Notes 3 and 4
See Note 7
See Note 5


Similar Part No. - 180-091XMS7-13-8PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091XMS05-11-8PA GLENAIR-180-091XMS05-11-8PA Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091XMS05-11-8PB GLENAIR-180-091XMS05-11-8PB Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091XMS05-11-8PC GLENAIR-180-091XMS05-11-8PC Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091XMS05-11-8PD GLENAIR-180-091XMS05-11-8PD Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091XMS05-11-8PE GLENAIR-180-091XMS05-11-8PE Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
More results

Similar Description - 180-091XMS7-13-8PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091M08-11-8PA GLENAIR-180-091M08-11-8PA Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091M05-11-8PA GLENAIR-180-091M05-11-8PA Datasheet
263Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MH7-11-8PA GLENAIR-180-091MH7-11-8PA Datasheet
291Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MT7-11-8PA GLENAIR-180-091MT7-11-8PA Datasheet
292Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180_091 GLENAIR-180_091_06 Datasheet
398Kb / 2P
   Advanced Fiber Optic Connector
180_091 GLENAIR-180_091_05 Datasheet
306Kb / 2P
   Advanced Fiber Optic Connector
180-091M06-11-8PA GLENAIR-180-091M06-11-8PA Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-118C02-15-10R GLENAIR-180-118C02-15-10R Datasheet
222Kb / 1P
   Fiber Optic SS15 Receptacle Connector
180_052 GLENAIR-180_052_15 Datasheet
309Kb / 1P
   2 Channel Fiber Optic Receptacle Connector
180_063 GLENAIR-180_063 Datasheet
244Kb / 2P
   Micro-D Fiber Optic Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com