Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGB0E227K8R Datasheet(PDF) 1 Page - Rohm

Part # TCFGB0E227K8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB0E227K8R Datasheet(HTML) 1 Page - Rohm

  TCFGB0E227K8R Datasheet HTML 1Page - Rohm TCFGB0E227K8R Datasheet HTML 2Page - Rohm TCFGB0E227K8R Datasheet HTML 3Page - Rohm TCFGB0E227K8R Datasheet HTML 4Page - Rohm TCFGB0E227K8R Datasheet HTML 5Page - Rohm TCFGB0E227K8R Datasheet HTML 6Page - Rohm TCFGB0E227K8R Datasheet HTML 7Page - Rohm TCFGB0E227K8R Datasheet HTML 8Page - Rohm TCFGB0E227K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TCFG Series B Case
Tantalum capacitors
Rev.D
1/12
S
S
+
W
H
LW
Anode mark
2
1
Chip tantalum capacitors
(Fail-safe open structure type)
TCFG Series B Case
Features
Dimensions (Unit : mm)
1) Safety design by open function built - in.
2) Wide capacitance range
3) Screening by thermal shock.
Case code
L
W1
W2
HS
B 3528-21(1411)
3.5 0.2
+−
2.8 0.2
+−
1.9 0.2
+−
1.9 0.2
+−
0.8 0.3
+−
Product No. Explanation
T C
B1 C
M8 R
Rated voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits : 2significant
figure representing the number of 0's.
8 : Tape width (8mm)
R : Positive electrode on the side opposite to sprocket hole
F G
1 0 6
1
6
1
2
4
5
3
1
1
Series name
TCFG
2
Case code
TCFG ····· B
3
4
Capacitance
5
Taping
6
M :
±20%
K :
±10%
4
CODE
6.3
0J
10
1A
16
1C
20 25
1D 1E
Rated voltage (V)
0G
2.5
0E


Similar Part No. - TCFGB0E227K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB0E227M8R ROHM-TCFGB0E227M8R Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGB0E227M8R ROHM-TCFGB0E227M8R Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB0E227K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com