Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRR10EZPJ Datasheet(PDF) 1 Page - Rohm

Part # TRR10EZPJ
Description  Sulfur Tolerant Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TRR10EZPJ Datasheet(HTML) 1 Page - Rohm

  TRR10EZPJ Datasheet HTML 1Page - Rohm TRR10EZPJ Datasheet HTML 2Page - Rohm TRR10EZPJ Datasheet HTML 3Page - Rohm TRR10EZPJ Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.03 - Rev.A
Sulfur Tolerant Chip Resistors
TRR10 (2012size (0805inch) )
Features
1) Unique protect materials prevent from silver sulfide occurrence under sulfur environment.
2) Highly recommended for automotive, industrial and Power supply applications under sulfur environment.
3) Realize the good cost performance not like the Au terminal components from other suppliers.
4) ROHM resistors have approved ISO9001 / ISO/TS 16949 certification.
Design and specifications are subject to change without notice. Carefully check the specification sheet supplied with the product
before using or ordering it.
Ratings
0.125W (1 / 8W)
−55°C to +155°C
at 70
°C
Item
Conditions
Specifications
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
Limiting element voltage
150V
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
The voltage rating is calculated by the following equation.
If the value obtained exceeds the limiting element voltage,
the voltage rating is equal to the maximum operating voltage.
E: Rated voltage (V) P: Rated power (W)
R: Nominal resistance (
Ω)
E
= P×R
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)
Fig.1
Max. 50m
2A
−55°C to +155°C
Jumper type
Resistance
Rated current
Operating temperature
F (
±1%)
J (
±5%)
10 to 2.2M
(E24)
(E24)
(E24)
±100
±400
1.0 to 9.1
±200
10 to 10M
Table 1
Resistance tolerance
Resistance range
(
Ω)
Resistance temperature coefficient
(ppm/
°C)
Before using components in circuits where they will be exposed to transients such as pulse loads (short–duration, high– level loads), be
certain to evaluate the component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it
is used with a steady state voltage that is greater than its rated voltage.


Similar Part No. - TRR10EZPJ

ManufacturerPart #DatasheetDescription
logo
Rohm
TRR18 ROHM-TRR18 Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
TRR18EZPF ROHM-TRR18EZPF Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
TRR18EZPJ ROHM-TRR18EZPJ Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
logo
List of Unclassifed Man...
TRR1A05D00D ETC1-TRR1A05D00D Datasheet
159Kb / 2P
   Miniature, cost-efective switching solution,,state of the art capsule designs
TRR1A05D50D ETC1-TRR1A05D50D Datasheet
159Kb / 2P
   Miniature, cost-efective switching solution,,state of the art capsule designs
More results

Similar Description - TRR10EZPJ

ManufacturerPart #DatasheetDescription
logo
Rohm
SFR ROHM-SFR Datasheet
926Kb / 8P
   Sulfur tolerant chip resistors
TRR18 ROHM-TRR18 Datasheet
156Kb / 4P
   Sulfur Tolerant Chip Resistors
TRR03 ROHM-TRR03_08 Datasheet
100Kb / 5P
   Sulfur Tolerant Chip Resistors
TRR03 ROHM-TRR03 Datasheet
97Kb / 5P
   Sulfur Tolerant Chip Resistors
TRR01 ROHM-TRR01 Datasheet
119Kb / 5P
   Sulfur Tolerant Chip Resistors
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
   Sulfur Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
logo
NIC-Components Corp.
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
   Sulfur Resistant Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com