Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGP0G476M8R Datasheet(PDF) 1 Page - Rohm

Part # TCFGP0G476M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP0G476M8R Datasheet(HTML) 1 Page - Rohm

  TCFGP0G476M8R Datasheet HTML 1Page - Rohm TCFGP0G476M8R Datasheet HTML 2Page - Rohm TCFGP0G476M8R Datasheet HTML 3Page - Rohm TCFGP0G476M8R Datasheet HTML 4Page - Rohm TCFGP0G476M8R Datasheet HTML 5Page - Rohm TCFGP0G476M8R Datasheet HTML 6Page - Rohm TCFGP0G476M8R Datasheet HTML 7Page - Rohm TCFGP0G476M8R Datasheet HTML 8Page - Rohm TCFGP0G476M8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
1/13
S
S
+
W
H
LW
Anode mark
2
1
Chip tantalum capacitors with
open-function built-in
TCFG series P Case
Features
External dimensions (Unit : mm)
1) Safety design by open function built - in.
2) Wide capacitance range
3) Screening by thermal shock.
Case code
L
W1
W2
HS
P (2012)
2.0 0.2
+−
0.9 0.2
+−
Max.1.20
0.45 0.3
+−
1.25 0.2
+−
Product designation
T C
P1 A
M8 R
Rated Voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits : 2significant
figure representing the number of 0's.
8 : Tape width (8mm)
R : Positive electrode on the side opposite to sprocket hole
F G
1 0 5
1
6
1
2
4
5
3
1
1
Series name
TCFG
2
Case code
TCFG
····· P
3
4
Capacitance
5
Taping
6
20%
M :
+−
10%
K :
+−
4
CODE
6.3
0J
10
1A
16
1C
20
1D
25
1E
Rated voltage (V)
0G


Similar Part No. - TCFGP0G476M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP0G475K ROHM-TCFGP0G475K Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP0G475M ROHM-TCFGP0G475M Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFGP0G475M8R ROHM-TCFGP0G475M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP0G475M8R ROHM-TCFGP0G475M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP0G476M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com