Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCTPL1D475M8R Datasheet(PDF) 3 Page - Rohm

Part # TCTPL1D475M8R
Description  Chip tantalum capacitors (Bottom surface electrode type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCTPL1D475M8R Datasheet(HTML) 3 Page - Rohm

  TCTPL1D475M8R Datasheet HTML 1Page - Rohm TCTPL1D475M8R Datasheet HTML 2Page - Rohm TCTPL1D475M8R Datasheet HTML 3Page - Rohm TCTPL1D475M8R Datasheet HTML 4Page - Rohm TCTPL1D475M8R Datasheet HTML 5Page - Rohm TCTPL1D475M8R Datasheet HTML 6Page - Rohm TCTPL1D475M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.D
Data Sheet
TCT Series PL Case
Characteristics
Item
Performance
Test conditions (based on JIS C 5101
−1 and JIS C 5101−3)
Operating Temperature
−55
°C to +125°C
Maximum operating
temperature with no voltage
derating
+85
°C
Rated voltage (VDC)
20 25
16
10
6.3
4
Category voltage (VDC)
13 16
10
6.3
4
2.5
Surge voltage (VDC)
13
8
5.2
2.5
1.6
3.2
26
20
33
DC Leakage current
Shall be satisfied the voltage on
" Standard list "
Capacitance tolerance
Measuring frequency : 100±10kHz
Measuring voltage
: 0.5Vrms or less
Measuring circuit
: DC Equivalent series circuit
Tangent of loss angle
(Df, tan
δ)
Impedance
Resistance to
Soldering heat
Temperature
cycle
Moisture
resistance
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
Shall be satisfied the voltage on
" Standard list "
Measuring frequency : 120±12Hz
Measuring voltage
: 0.5Vrms
+1.5 to 2V.DC
Measuring circuit
: DC Equivalent series circuit
Shall be satisfied the voltage on
" Standard list "
at 85
°C
at 125
°C
at 85
°C
Voltage : Rated voltage for 5min
Shall be satisfied allowance range.
±
20%
Measuring frequency : 120±12Hz
Measuring voltage
: 0.5Vrms
+1.5 to 2V.DC
Measuring circuit
: DC Equivalent series circuit
Less than 200% of initial limit
Less than 200% of initial limit
Voltage reduction when temperature exceeds
+85
°C
35
22
44
As per 4.9 JIS C 5101-1
As per 4.5.1 JIS C 5101-3
As per 4.7 JIS C 5101-1
As per 4.5.2 JIS C 5101-3
As per 4.8 JIS C 5101-1
As per 4.5.3 JIS C 5101-3
As per 4.10 JIS C 5101-1
As per 4.5.4 JIS C 5101-3
As per 4.14 JIS C 5101-1
As per 4.6 JIS C 5101-3
Dip in the solder bath
Solder temp
: 260±5
°C
Duration
: 5±0.5s
Repetition
: 1
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
As per 4.16 JIS C 5101-1
As per 4.10 JIS C 5101-3
As per 4.22 JIS C 5101-1
As per 4.12 JIS C 5101-3
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
Less than 200% of initial limit
After leaving the sample under such atmospheric
condition that the temperature and humidity are
60
±2°C and 90 to 95% RH, respectiveiy, for 500±12h
leave it at room
temperature for over 24h and then measure the
sample.
Within
±20% of initial value
Within
±20% of initial value
Within
±20% of initial value
Less than 200% of initial limit
There should be no significant abnormality.
The indications should be clear.
Appearance
∆C / C
Df (tan
δ)
L.C.
Less than 200% of initial limit
Repetition : 5 cycles
(1 cycle : steps 1 to 4) without discontinuation.
Less than 200% of initial limit
Temp.
Time
1
2
3
4
Room temp.
Room temp.
3min. or less
3min. or less
30
±3min.
30
±3min.
−55 3°C
+−
125 2
°C
+−
After the specimens, leave it at room temperature for
over 24h and then measure the sample.


Similar Part No. - TCTPL1D475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTPL1D475M8R ROHM-TCTPL1D475M8R Datasheet
180Kb / 7P
   Chip Tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCTPL1D475M8R ROHM-TCTPL1D475M8R Datasheet
150Kb / 7P
   Tantalum capacitors (Bottom surface electrode type : Large capacitance)
More results

Similar Description - TCTPL1D475M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com