Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGP1A686M8R Datasheet(PDF) 5 Page - Rohm

Part # TCFGP1A686M8R
Description  Chip tantalum capacitors with open-function built-in
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP1A686M8R Datasheet(HTML) 5 Page - Rohm

  TCFGP1A686M8R Datasheet HTML 1Page - Rohm TCFGP1A686M8R Datasheet HTML 2Page - Rohm TCFGP1A686M8R Datasheet HTML 3Page - Rohm TCFGP1A686M8R Datasheet HTML 4Page - Rohm TCFGP1A686M8R Datasheet HTML 5Page - Rohm TCFGP1A686M8R Datasheet HTML 6Page - Rohm TCFGP1A686M8R Datasheet HTML 7Page - Rohm TCFGP1A686M8R Datasheet HTML 8Page - Rohm TCFGP1A686M8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TCFG series P Case
Tantalum capacitors
Rev.A
5/13
Dimensions
Be based on "External dimensions"
Measure using a caliper of JIS B 7505
Class 2 or higher grade.
Resistance to solvents
The indication should be clear.
Dip in the isopropyl alcohol for 30
±5s,
at room temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should be
covered with the new solder.
Dip speed = 25
±2.5mm/s
Pre-treatment (accelerated aging) : Leave the
sample on the boiling distilled water for 1h.
Solder temp. : 235
±5°C
Duration : 2
±0.5s
Solder : H63A
Flux : Rosin 25%, IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print
circuit board.
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
As per 4.15.2 JIS C 5101-1
As per 4.17 JIS C 5101-1
As per 4.7 JIS C 5101-3
Item
Performance
Test conditions
(based on JIS C5101-1 and JIS C5101-3)


Similar Part No. - TCFGP1A686M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP1A685M8R ROHM-TCFGP1A685M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGP1A685M8R ROHM-TCFGP1A685M8R Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP1A686M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com