Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCR10EVHJL Datasheet(PDF) 2 Page - Rohm

Part # UCR10EVHJL
Description  Low Ohmic Compact Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UCR10EVHJL Datasheet(HTML) 2 Page - Rohm

  UCR10EVHJL Datasheet HTML 1Page - Rohm UCR10EVHJL Datasheet HTML 2Page - Rohm UCR10EVHJL Datasheet HTML 3Page - Rohm UCR10EVHJL Datasheet HTML 4Page - Rohm UCR10EVHJL Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UCR10
Resistors
Rev.A
2/4
Table 1
Resistance tolerance
Special specification
Resistance range
(
Ω)
Resistance temperature
coefficient (ppm/
°C)
250±100
0 to 250
0 to 150
0 to 150
0.011 to 0.018 (E24)
0.020 to 0.047 (E24)
0.051 to 0.091 (E24)
0.1
J (±5%)
S
L
F (±1%)
J (±5%)
Before using components in circuits where they will be exposed to transients such as pulse loads (short–duration, high– level loads), be certain to evaluate the
component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that
is greater than its rated voltage.
Characteristics
Item
Test conditions (JIS C 5201-1)
Resistor type
Guaranteed value
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
± (2.0%+0.005Ω)
± (1.0%+0.005Ω)
± (3.0%+0.005Ω)
F :
±1%
J :
±5%
Without open.
JIS C 5201-1 4.5
Measuring method : Measure under termination
Terminal
Under termination
JIS C 5201-1 4.8
Measurement :
−55 / +25 / +125°C
JIS C 5201-1 4.18
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s.
JIS C 5201-1 4.24
40
°C, 93%RH
Test time : 56 days
± (3.0%+0.005Ω)
± (3.0%+0.005Ω)
± (0.5%+0.005Ω)
± (1.0%+0.005Ω)
JIS C 5201-1 4.25.1
Rated voltage (current), 70
°C
1.5h : ON
− 0.5h : OFF
Test time : 1,000h
JIS C 5201-1 4.25.3
155
°C
Test time : 1,000h to 1,048h
JIS C 5201-1 4.29
23
±5°C
Solvent : 2-propanol
JIS C 5201-1 4.19
Test temp. :
−55°C to +125°C 5cyc
JIS C 5201-1 4.33
JIS C 5201-1 4.17
Rosin·Ethanol (25%WT)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s.
JIS C 5201-1 4.13
Rated voltage (current)
× 2.5, 2s.
See Table.1
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.


Similar Part No. - UCR10EVHJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCR10EVHJL TI-UCR10EVHJL Datasheet
166Kb / 4P
[Old version datasheet]   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
logo
Rohm
UCR10EVHJLFL ROHM-UCR10EVHJLFL Datasheet
166Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR10EVHJLFS ROHM-UCR10EVHJLFS Datasheet
166Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR10EVHJLJL ROHM-UCR10EVHJLJL Datasheet
166Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR10EVHJLJS ROHM-UCR10EVHJLJS Datasheet
166Kb / 4P
   Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
More results

Similar Description - UCR10EVHJL

ManufacturerPart #DatasheetDescription
logo
Rohm
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR03 ROHM-MCR03_2 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_11 Datasheet
132Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_3 Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com