Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-091M05-11-8SB Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 180-091M05-11-8SB
Description  Advanced Fiber Optic Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-091M05-11-8SB Datasheet(HTML) 2 Page - Glenair, Inc.

  180-091M05-11-8SB Datasheet HTML 1Page - Glenair, Inc. 180-091M05-11-8SB Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-13
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
180-091 (05 In-Line)
Advanced Fiber Optic Receptacle Connector
MIL-DTL-38999 Series III Style
TABLE I: SHELL SIZE
Shell
Size
Code
Shell
Size
A
Thread
G
H
S
Dia
J
Thread
B
11
.7500-.1P-.3L-TS-2A .144 (3.7)
.083 (2.1)
.823 (20.9)
.768 (19.5)
.840 (21.3) M15 x 1.0-6g 0.100R
C
13
.8750-.1P-.3L-TS-2A .144 (3.7)
.083 (2.1)
.823 (20.9)
.768 (19.5)
.963 (24.5) M18 x 1.0-6g 0.100R
D
15
1.0000-.1P-.3L-TS-2A .144 (3.7)
.083 (2.1)
.823 (20.9)
.768 (19.5) 1.090 (27.7)
M22 x 1.0-6g 0.100R
E
17
1.1875-.1P-.3L-TS-2A .144 (3.7)
.083 (2.1)
.823 (20.9)
.768 (19.5) 1.275 (32.4)
M25 x 1.0-6g 0.100R
F
19
1.2500-.1P-.3L-TS-2A .144 (3.7)
.083 (2.1)
.823 (20.9)
.768 (19.5) 1.337 (34.0)
M28 x 1.0-6g 0.100R
G
21
1.3750-.1P-.3L-TS-2A .171 (65.2)
.083 (39.8)
.791 (20.0)
.736 (18.7) 1.463 (37.2)
M31 x 1.0-6g 0.100R
H
23
1.5000-.1P-.3L-TS-2A .171 (65.2)
.083 (39.8)
.791 (20.0)
.736 (18.7) 1.587 (40.3)
M34 x 1.0-6g 0.100R
J
25
1.6250-.1P-.3L-TS-2A .171 (65.2)
.083 (39.8)
.791 (20.0)
.736 (18.7) 1.713 (43.5)
M37 x 1.0-6g 0.100R
TABLE II: FINISH
SYM
MATERIAL
FINISH
M
Aluminum
Electroless Nickel
NF
Cadmium O.D. Over
Electroless Nickel
ZNU
Black Chromate
overZinc-Nickel over
Electroless Nickel
XMS
Composite
Electroless Copper
XM
Electroless Nickel
XW
Cadmium O.D. Over
Electroless Nickel
MS
Stainless Steel
Electroless Nickel
Z1
Passivate
ZL
Electro-Deposited
Nickel


Similar Part No. - 180-091M05-11-8SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091M06-11 GLENAIR-180-091M06-11 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091M06-11-8PA GLENAIR-180-091M06-11-8PA Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091M06-13 GLENAIR-180-091M06-13 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091M06-15 GLENAIR-180-091M06-15 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-091M06-17 GLENAIR-180-091M06-17 Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
More results

Similar Description - 180-091M05-11-8SB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-091MS7-11-8PA GLENAIR-180-091MS7-11-8PA Datasheet
290Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091M08-11-8PA GLENAIR-180-091M08-11-8PA Datasheet
128Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MH7-11-8PA GLENAIR-180-091MH7-11-8PA Datasheet
291Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180-091MT7-11-8PA GLENAIR-180-091MT7-11-8PA Datasheet
292Kb / 2P
   Advanced Fiber Optic Receptacle Connector
180_091 GLENAIR-180_091_06 Datasheet
398Kb / 2P
   Advanced Fiber Optic Connector
180_091 GLENAIR-180_091_05 Datasheet
306Kb / 2P
   Advanced Fiber Optic Connector
180-091M06-11-8PA GLENAIR-180-091M06-11-8PA Datasheet
131Kb / 2P
   Advanced Fiber Optic Plug Connector
180-118C02-15-10R GLENAIR-180-118C02-15-10R Datasheet
222Kb / 1P
   Fiber Optic SS15 Receptacle Connector
180_052 GLENAIR-180_052_15 Datasheet
309Kb / 1P
   2 Channel Fiber Optic Receptacle Connector
180_063 GLENAIR-180_063 Datasheet
244Kb / 2P
   Micro-D Fiber Optic Receptacle Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com