Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121-100-1-1-06CECH Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 121-100-1-1-06CECH
Description  Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

121-100-1-1-06CECH Datasheet(HTML) 1 Page - Glenair, Inc.

  121-100-1-1-06CECH Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-5
E-Mail: sales@glenair.com
www.glenair.com
LENGTH
(AS SPECIFIED IN FEET)
SHIELD
TUBING
JACKET
B DIA
A DIA
MINIMUM
BEND RADIUS
TYPE
C
EXTERNAL
SHIELD
AND JACKET
TABLE I
DASH FRACTIONAL
A INSIDE
B DIA
NO.
SIZE REF
DIA MIN
MAX
06
3/16
.181
(4.6)
.490 (12.4)
09
9/32
.273
(6.9)
.584 (14.8)
10
5/16
.306
(7.8)
.620 (15.7)
12
3/8
.359
(9.1)
.680 (17.3)
14
7/16
.427 (10.8)
.741 (18.8)
16
1/2
.480 (12.2)
.820 (20.8)
20
5/8
.603 (15.3)
.940 (23.9)
24
3/4
.725 (18.4)
1.100 (27.9)
28
7/8
.860 (21.8)
1.243 (31.6)
32
1
.970 (24.6)
1.396 (35.5)
40
1 1/4
1.205 (30.6)
1.709 (43.4)
48
1 1/2
1.437 (36.5)
2.002 (50.9)
56
1 3/4
1.688 (42.9)
2.327 (59.1)
64
2
1.937 (49.2)
2.502 (63.6)
MINIMUM
BEND RADIUS
.50
(12.7)
.75
(19.1)
.75
(19.1)
.88
(22.4)
1.00
(25.4)
1.25
(31.8)
1.50
(38.1)
1.75
(44.5)
1.88
(47.8)
2.25
(57.2)
2.75
(69.9)
3.25
(82.6)
3.63
(92.2)
4.25 (108.0)
Metric dimensions (mm)
are in parentheses.
*
Consult factory for
thin-wall, close
convolution combina-
tion.
** For PTFE maximum
lengths - consult
factory.
*** Consult factory for
PEEK min/max
dimensions.
121-100 - Type C
Series 74 Helical Convoluted Tubing (MIL-T-81914) Natural or
Black PFA, FEP, PTFE, Tefzel® (ETFE) or PEEK
Product Series
Basic No.
Class
1 = Standard Wall
2 = Thin Wall *
Convolution
1 = Standard
2 = Close
Dash No. (Table I)
Color
B = Black
C = Natural
121-100-1-1-16 B E T H
Jacket
E = EPDM
N = Neoprene
H = Hypalon® V = Viton
Shield
C = Stainless Steel
N = Nickel/Copper
S = SnCuFe
T = Tin/Copper
Material
E = ETFE
P = PFA
F = FEP
T = PTFE**
K = PEEK ***


Similar Part No. - 121-100-1-1-06CECH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-100 GLENAIR-121-100 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
More results

Similar Description - 121-100-1-1-06CECH

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
121-101-1-1-06BECE GLENAIR-121-101-1-1-06BECE Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-102-1-1-06BECE GLENAIR-121-102-1-1-06BECE Datasheet
37Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
121-103-1-1-06BECE GLENAIR-121-103-1-1-06BECE Datasheet
39Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
123-100-1-1-06BEE GLENAIR-123-100-1-1-06BEE Datasheet
36Kb / 1P
   Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
120-100-1-1-06BE GLENAIR-120-100-1-1-06BE Datasheet
204Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type A - Tubing Only - No Braid
120-103-1-1-06BE GLENAIR-120-103-1-1-06BE Datasheet
240Kb / 1P
   Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type B - With External Black Dacron Braid
121-100 GLENAIR-121-100_09 Datasheet
338Kb / 1P
   Helical Convoluted Tubing
121-101 GLENAIR-121-101_09 Datasheet
331Kb / 1P
   Helical Convoluted Tubing
121-103 GLENAIR-121-103_09 Datasheet
340Kb / 1P
   Helical Convoluted Tubing
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com