Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

180-116-06-C-2 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 180-116-06-C-2
Description  4 Channel Hermaphroditic with Optional Dust Cover
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

180-116-06-C-2 Datasheet(HTML) 2 Page - Glenair, Inc.

  180-116-06-C-2 Datasheet HTML 1Page - Glenair, Inc. 180-116-06-C-2 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F-5
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
APPLICATION NOTES
1. Assembly identified with manufacturer’s name and P/N, space
permitting.
2. Glenair 180-116 Connector Features:
A. Plug Barrel, Shell, Coupling Nut, Backshell, Removable Insert
Cap - Al Alloy
B. Lanyard: Coated Stainless Steel Cable
C. Misc. Hardware: Stainless Steel/Passivated
D. Termini: See 181-050 (Page F-3)
E. Operating & Transit Temperature range:-65°C to +160°C
storage temperature range: -70°C to +185°C
3. Metric dimensions (mm) are indicated in parentheses.
TABLE I:
CABLE DIAMETER
Dash
No.
Cable Dia
Inch
Millimeter
01
.190 - .239
4.83 - 6.07
02
.240 - .279
6.10 - 7.09
03
.280 - .315
7.11 - 8.00
04
.316 - .346
8.03 - 8.79
05
.347 - .379
8.81 - 9.63
06
.380 - .423
9.65 - 10.74
07
.424 - .465
10.77 - 11.81
TABLE II:
TERMINI FERRULE I.D.
Dash
Sym
Ferrule I.D.
Max (mm) Min (mm)
A
.1270
.1260
B
.1280
.1270
C
.1430
.1420
D
.2340
.2300
W
No Termini Supplied
TABLE III:
INSERT CAP KEY
CONFIGURATION
Dash
No.
Configuration
1
1
2
2
3
3
4
U
TABLE IV:
ALIGNMENT SLEEVE
CONFIGURATION
Dash
Sym
Configuration
M
Solid
S
Split
N
None
TABLE V:
DUST COVER
CONFIGURATION
Dash
Sym
Configuration
H
Hermaphroditic
M
Male
N
None
180-116
M83526/16 Style GFOCA Plug Connector
4 Channel Hermaphroditic with Optional Dust Cover


Similar Part No. - 180-116-06-C-2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-117-01-A-1 GLENAIR-180-117-01-A-1 Datasheet
349Kb / 2P
   4 Channel with Optional Dust Cover
180-117-01-A-2 GLENAIR-180-117-01-A-2 Datasheet
349Kb / 2P
   4 Channel with Optional Dust Cover
180-117-01-A-3 GLENAIR-180-117-01-A-3 Datasheet
349Kb / 2P
   4 Channel with Optional Dust Cover
180-117-01-A-4 GLENAIR-180-117-01-A-4 Datasheet
349Kb / 2P
   4 Channel with Optional Dust Cover
180-117-01-B-1 GLENAIR-180-117-01-B-1 Datasheet
349Kb / 2P
   4 Channel with Optional Dust Cover
More results

Similar Description - 180-116-06-C-2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-117-01-A-1 GLENAIR-180-117-01-A-1 Datasheet
349Kb / 2P
   4 Channel with Optional Dust Cover
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
   Photointerrupter with Dust Cover
logo
VITALCONN ELECTRONICS H...
SDC01 VITALCONN-SDC01 Datasheet
273Kb / 2P
   SFP DUST COVER
logo
Tyco Electronics
2058299-1 MACOM-2058299-1 Datasheet
676Kb / 6P
   Hermaphroditic Blade and Receptacle Connector - Wire-to-Board, Board-to-Board and Dust Cover
logo
American Electronic Com...
HHC71E AEC-HHC71E Datasheet
495Kb / 3P
   Dust Cover as standard
HHC71G AEC-HHC71G Datasheet
590Kb / 3P
   Dust Cover as standard
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
   Dust Cover as standard
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
   Dust Cover as standard
logo
Adam Technologies, Inc.
DCF-XX ADAM-TECH-DCF-XX Datasheet
106Kb / 1P
   DUST COVER FEMALE D-SUB
DCM-XX ADAM-TECH-DCM-XX Datasheet
104Kb / 1P
   DUST COVER MALE D-SUB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com