Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3501 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # 3501
Description  Low Thermal EMF Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

3501 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  3501 Datasheet HTML 1Page - RHOPOINT COMPONENTS 3501 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY
RHOPOINT COMPONENTS LTD Holland Rd, Hurst Green, Oxted, Surrey, RH8 9AX,ENGLAND
Model Number
3501
2
3502
2
3520
2,3
3540
2
3541
2
Parameters
Test Conditions
Units
1 Form A
2 Form A
2 Form A
1 Form A
High Voltage
2 Form A
High Voltage
THERMAL EMF
….OPTIONS
Measured after 5 minutes
at nominal coil voltage
Refer to Reed Relay
Technical Section for Details
µV
Individual
<5µV
<3µV
<1µV
<0.5µV
Differential
<5µV
<3µV
<1µV
<0.5µV
Differential
<10µV
<5µV
-
-
Individual
<5µV
<3µV
-
-
Differential
<5µV
<3µV
-
-
COIL SPECS.
Nom. Coil Voltage
VDC
5
12
5
12
5
12
5
12
5
12
Coil Resistance
+/- 10%, 25° C
350
2000
350
2000
200
850
200
1500
200
1500
Operate Voltage
Must Operate by
VDC - Max.
3.8
9.0
3.8
9.0
3.8
9.0
3.8
9.0
3.8
9.0
Release Voltage
Must Release by
VDC - Min.
0.4
1.0
0.4
1.0
0.4
1.0
0.4
1.0
0.4
1.0
CONTACT RATING
Switching Voltage
Max DC/Peak AC Resist.
Volts
200
200
500
500
500
Switching Current
Max DC/Peak AC Resist.
Amps
0.5
0.5
1.0
0.5
0.5
Carry Current
Max DC/Peak AC Resist.
Amps
1.5
1.5
2.0
2.0
2.0
Contact Rating
Max DC/Peak AC Resist.
Watts
10
10
28
10
10
Life Expectancy-Typical
1
Signal Level 1.0V, 10mA
x 10
6 Ops.
500
100
1000
100
100
Static Contact
Resistance (max. init.)
50mV, 10mA
0.200
0.100
0.050
0.200
0.100
Dynamic Contact
Resistance (max. init.)
0.5V, 50mA
at 100 Hz, 1.5 msec
0.300
0.200
0.100
0.300
0.200
RELAY SPECIFICATIONS
Insulation Resistance
(minimum)
Between all Isolated Pins
at 100V, 25°C, 40% RH
x 10
12
x 10
12
x 10
12
x 10
12
x 10
12
Capacitance - Typical
Across Open Contacts
Without shield
Shield Guarding
pF
pF
3.0
1.9
1.7
0.2
1.7
0.2
3.0
1.9
1.7
0.2
Dielectric Strength
(minimum)
Between Contacts
Contacts to Shield
Contacts/Shield to Coil
VDC/peak AC
VDC/peak AC
VDC/peak AC
700
1000
1500
350
1000
1500
1000
1000
1500
1500
1000
1500
1500
1000
1500
Operate Time - including
bounce - Typical
At Nominal Coil Voltage,
30 Hz Square Wave
msec.
0.75
0.75
2.0
1.0
1.0
Release Time - Typical
Zener-Diode Suppression
4
msec.
0.1
0.1
1.0
0.2
0.2
3500 Series/Low Thermal EMF Reed Relays
Notes:
1Consult factory for life expectancy at other switching loads.
2Models 3501 and 3540, optional electrostatic shield is tied to
pin #5. Models 3502, 3520 and 3541, optional electrostatic
shield is tied to pin #13.
3Model 3520 has Hg wet contacts - position sensitive, must be
mounted within 30° of vertical plane. See schematic.
4Consists of 20V Zener-diode and 1N4002 diode in series,
connected in parallel with coil
Environmental Ratings
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
Solder Temp: 270°C max; 10 sec. max
The operate and release voltage and the coil
resistance are specified at 25°C. These values
vary by approximately 0.4%/°C as the ambient
temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Top View:
Dot stamped on top of relay refers to pin #1 location
Grid = .1"x.1" (2.54mm x 2.54mm)


Similar Part No. - 3501

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
List of Unclassifed Man...
3501 ETC1-3501 Datasheet
48Kb / 1P
   4700
logo
Lumberg
3501 LUMBERG-3501 Datasheet
328Kb / 3P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Peregrine Semiconductor...
3501-00 PEREGRINE-3501-00 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Toshiba Semiconductor
3501-001040 TOSHIBA-3501-001040 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - 3501

ManufacturerPart #DatasheetDescription
logo
Coto Technology
3501-05-1-0 COTO-3501-05-1-0 Datasheet
337Kb / 2P
   Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3602 RHOPOINT-3602 Datasheet
51Kb / 2P
   Low Thermal EMF Reed Relays
logo
Coto Technology
3602-05-92 COTO-3602-05-92 Datasheet
309Kb / 2P
   Low Thermal EMF Reed Relays
3500 COTO-3500 Datasheet
648Kb / 2P
   3500 SERIES/LOW THERMAL EMF REED RELAYS
3600 COTO-3600 Datasheet
1Mb / 2P
   3600 SERIES/LOW THERMAL EMF REED RELAYS
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
   Low thermal EMF version
logo
Pomona Electronics
2305 POMONA-2305 Datasheet
23Kb / 1P
   Insulated Low Thermal EMF Spade Lug
5291A POMONA-5291A Datasheet
155Kb / 1P
   Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com